Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 186 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 186 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 182Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 183Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 184Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 185Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 186Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 187Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 188Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 189Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 190Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 286 page
background image
Chapter 11 TX4956 System Interface
11-18
11.2.8.5 Processor block write request
The master state system interface is used to issue processor block write requests. Figure 11.2.17
illustrates a processor non-coherent block request made for 8-word data with the “D” data pattern.
1.
Processor sends a write command to the SysCmd bus, then sends a write address to the SysAD
bus.
2.
Processor asserts the ValidOut* signal.
3.
Processor sends data identifier to the SysCmd bus and sends data to the SysAD bus.
4.
Processor asserts the ValidOut* signal only for the number of cycles required to transfer the
data block.
5.
Final data cycle directive must be included in data identifiers for the final data cycle.
Note:
There is transmission protocol of Processor block write request three kinds same
as Processor single write requests. With later G2SConfig register, these modes are
selected.
Figure 11.2.17 Processor non-coherent block request protocol
11.2.8.6 External request protocol
External requests can only be issued when the system interface is in the slave state. The external
agent asserts the ExtRqst* signal, and requests use of the system interface. The processor asserts the
Release* signal, releases the system interface, waits for it to enter the slave state, then the external
agent issues an external request. If the system interface is already in the slave mode, namely, if the
processor has put the system interface in the slave state on its own, then the external agent can
immediately issue an external request.
In the case of the external agent, the system interface must be returned to the master state after
issuing an external request. When the external agent issues a single external request, ExtRqst* must
be deasserted 2 cycles after the cycle at which Release* is asserted. Also, when issuing a series of
external requests, the ExtRqst* signal must be asserted before the last request cycle.
Data5
1
2
3
4
5
6
Cycle
SysAD Bus
ValidOut*
Validln*
7
8
9
10
11
12
SysCmd Bus
Addr
Write
RdRdy*
WrRdy*
Release*
Master
1
4
3
Data0
NData
Data1
NData
Data2
NData
Data3
NData
2
Data4
Data6
Data7
NData
NData
NData
NEOD
5
MasterClock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com