Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 190 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 190 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 186Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 187Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 188Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 189Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 190Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 191Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 192Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 193Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 194Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 286 page
background image
Chapter 11 TX4956 System Interface
11-22
11.2.8.10 External write request protocol
The same protocol as the processor single word write protocol is used for external write requests,
except when the ValidIn* signal is asserted instead of the ValidOut* signal.
Figure 11.2.21 illustrates the timing of the external write request, which consists of the following
steps.
1.
The external agent requests use of the system interface by asserting ExtRqst*.
2.
The processor asserts Release*, then the system interface is released from the processor and
goes into the slave state.
3.
The external agent sends a write command to the SysCmd bus, and sends a write address to the
SysAD bus while asserting ValidIn*.
4.
The external agent sends data identifiers to the SysCmd bus, and sends data to the SysAD bus
while asserting ValidIn*.
5.
Data identifiers for this data cycle must contain an indication of a coherent or non-coherent
final data cycle.
6.
After a data cycle is issued, the write request is complete, the external agent sets the SysCmd
and SysAD busses to tri-state, then the system interface returns to the master state.
Note:
The timing of the SysADC bus and SysCmdP bus are the same as the timing of the
SysAD bus and SysCmd bus timing, respectively.
External write requests can write only 1 word of data to the processor. Operation of processors
that have specified data elements other than a single word of data by an external write request is not
defined.
Figure 11.2.21 External Write Request when System Interface Starts in the Master State
1
2
3
4
5
6
Cycle
MasterClock
SysAD Bus
ValidOut*
Validln*
7
8
9
10
11
12
SysCmd Bus
ExtRqst*
Release*
Master
2
4
3
Addr
Data0
Slave
Master
Write
NEOD
6
5
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com