Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 193 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 193 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 189Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 190Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 191Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 192Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 193Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 194Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 195Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 196Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 197Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 286 page
background image
Chapter 11 TX4956 System Interface
11-25
11.2.9
Data Transfer
The maximum data transfer rate of the system interface is 1 double word per cycle.
The external agent can select the data transfer rate to the processor. For example, it is possible to
transfer data and assert the ValidIn* signal just once for every n cycles instead of at all cycles. The
external agent can transfer data to the processor at the selected transfer rate.
The processor interprets cycles as being valid when the ValidIn* signal is asserted and the SysCmd bus
includes the data identifier. After a cycle has been interpreted as valid, the processor continues to accept
data until a data word with an indication that it is the final data word appears.
11.2.9.1 Data transfer pattern
The term “data pattern” in the case of block write operations, refers to a string of text that
indicates the “data” cycles repeated so that the appropriate data transfer speed can be obtained and
the “unused” cycles. Dxx data patterns indicate a repetition data transfer rate where there is one
double word in three cycles followed by two unused cycles. The data transfer rate is set by
G2SConfig register(0xF FF10 0000).
Table 11.2.5 indicates the data transfer rate, data pattern, and setting.
Table 11.2.5 Data Transfer Rate, Data Pattern and Setting at Block Write Requests
Maximum Data Transfer Rate
(64-bit width)
Data Pattern
Setting Bit0
1 double word/3 MasterClock cycle
Dxx
0
1 double word/1 MasterClock cycle
D
1
Maximum Data Transfer Rate
(32-bit width)
Data Pattern
Setting Bit0
1 word/3 MasterClock cycle
Wxx
0
1 word/1 MasterClock cycle
W
1
Note:
The setting Bit0 is bit0 of the G2SConfig register (0xF FF10 0000).
Bit0 is set to 0 when initialized.
11.2.9.2 Independent transfer on SysAD bus
A majority of applications connect the processor and external agent interior (both directions), and
register format transceivers together in a point-to-point manner via the SysAD bus. The only two
SysAD bus drives available for such applications are the processor and the external agent.
Depending on the application, it may be necessary to make additional connections on the SysAD
bus for drivers and receivers to transfer data using the SysAD bus without involving the processor.
Such transfers are referred to as independent transfers. In order to perform independent transfers,
the external agent must use arbitration handshake signals and external null requests to properly tune
SysAD bus control.
Independent transfer is performed on the SysAD bus according to the following steps.
1.
The external agent requests access to the SysAD bus in order to issue an external request.
2.
The processor releases the system interface and puts it in the slave state.
3.
The external agent can independently transfer data using the SysAD bus. However, the
ValidIn* signal must not be asserted during that transfer.
4.
When transfer is complete, the external agent must issue a system interface release null request
and return the system interface to the master state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com