Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 197 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 197 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 193Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 194Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 195Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 196Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 197Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 198Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 199Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 200Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 201Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 286 page
background image
Chapter 11 TX4956 System Interface
11-29
11.2.11.4 Write requests
Figure 11.2.26 illustrates the SysCmd format for write requests.
Table 11.2.11 indicates the methods of specifying write properties using SysCmd[4:3]. Table
11.2.12 indicates the methods of specifying replacements properties using SysCmd[2:0] for block
write requests. Table 11.2.13 indicates the methods of specifying the data size using SysCmd[2:0]
for write requests.
8
7
5
4
0
0
010
Write request specific
Figure 11.2.26 SysCmd Bus Bit Specification for Write Requests
Table 11.2.11 Methods of Specifying SysCmd[4:3] for Write Requests
SysCmd[4:3]
Write Properties
0-1
Reserved
2
Block write
3
Word or partial word write
Table 11.2.12 Specification Method of SysCmd[2:0] for Block Write Requests
SysCmd[2]
Reserved
SysCmd[1:0]
Write Block Size
0
Reserved
1
8 words
2-3
Reserved
Table 11.2.13 Methods for Specifying SysCmd[2:0] for Word or Partial Word Write Requests
SysCmd[2:0]
Write Data Size
0
1 byte valid (byte)
1
2 bytes valid (half-word)
2
3 bytes valid (tri-byte)
3
4 bytes valid (word)
4
Reserved
5
Reserved
6
Reserved
7
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com