Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 199 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 199 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 195Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 196Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 197Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 198Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 199Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 200Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 201Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 202Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 203Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 286 page
background image
Chapter 11 TX4956 System Interface
11-31
11.2.11.8 Bit definition of data identifiers
In the case of processor or external coherent data identifiers and processor or external
non-coherent data identifiers, SysCmd[7] indicates that they are the final data element, and
SysCmd[6] indicates whether they are response data. Response data are the data that are returned to
a read request as a response.
SysCmd[5] indicates whether there is an error in a data element. Uncorrectable errors are
included in the error data. When such an error is returned to the processor, a bus error is generated. If
a primary parity error is detected in the data items to be transferred, the processor deasserts the good
data bits and sends data.
SysCmd[4] indicates to the processor whether the data bits and check bits of a data element
should be searched.
SysCmd[3] is reserved in the case of external data identifiers.
SysCmd[4:3] is reserved in the case of non-coherent processor data identifiers.
SysCmd[2:0] is reserved in the case of non-coherent data identifiers.
Table 11.2.5 indicates methods of specifying SysCmd[7:3] for processor data identifiers.
Table 11.2.16 indicates methods of specifying SysCmd[7:3] for external data identifiers.
Table 11.2.15 Methods of Specifying SysCmd[7:3] for Processor Data Identifiers
SysCmd[7]
Final Data Element Indication
0
Final data element
1
Is not final data element
SysCmd[6]
Response Data Indication
0
Response data
1
Is not response data
SysCmd[5]
Good Data Indication
0
No errors
1
Is error data
SysCmd[4:3]
Reserved
Table 11.2.16 Method of Specifying SysCmd[7:3] for External Data Identifiers
SysCmd[7]
Final Data Element Indication
0
Final data element
1
Is not final data element
SysCmd[6]
Response Data Indication
0
Response data
1
Is not response data
SysCmd[5]
Good Data Indication
0
No errors
1
Is error data
SysCmd[4]
Enable Data Check
0
Check data bits and check bits
1
Do not check data bits and check bits
SysCmd[3]
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com