Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 203 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 203 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 199Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 200Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 201Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 202Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 203Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 204Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 205Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 206Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 207Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 286 page
background image
Chapter 11 TX4956 System Interface
11-35
Signal Name
Pin No.
I/O
Function
SysCmd[8:5]
R9, P9, R8,
P8
I/O
Reserved
These pins are always driven to 0, then, can be left open on the board
SysCmd[4:0]
R7, P7, R6,
P6, R5
I/O
System command/data identifier bus
A 5-bit bus for command and data identifier transmission between the processor and
an external agent.
SysADC[7:0]
N5, N4, N6,
N9, C14,
D14, C9,
C13
I/O
Reserved
These pins are always driven to 0, then, can be left open on the board
SysCmdP
N8
I/O
Reserved
This pin is always driven to 0, then, can be left open on the board
Evalid*
R1
I
External agent valid input
During the cycle it is asserted, EValid* indicates an external agent is driving a valid
address or valid data on the SysAD bus, and a valid command or data identifier on the
SysCmd bus.
Pvalid*
R2
O
Processor valid output
During the cycle it is asserted, PValid*, indicates the processor is driving a Valid
address or Valid data on the SysAD bus, and a valid command or data indentifier on
the SysCmd bus.
EReq*
R12
I
External request
Indicates an external agent is requesting System interface bus ownership.
PMaster*
R3
O
Processor Master
This signal indicates that the processor is a bus master.
EOK*
P1
I
External agent Ready
An external agent asserts EOK* when an external agent can now accept a processor
request.
RdRdy*
N1
I
Reserved
There is a pull-down resistor in the circuit. Then you can left it open or set it to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com