Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 187 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 187 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 183Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 184Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 185Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 186Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 187Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 188Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 189Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 190Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 191Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 286 page
background image
Chapter 11 TX4956 System Interface
11-19
The processor continues processing external requests while ExtRqst* is asserted. However, until
the processor completes a request that is currently being processed, it will not be able to release the
system interface and put it into the slave state in preparation for the next external request. Also, until
ExtRqst* is asserted, a series of external requests cannot be interrupted by a processor request.
11.2.8.7 External arbitration protocol
As previously mentioned, the ExtRqst* signal and Release* signal are used in system interface
arbitration. Figure 11.2.18 illustrates the timing of the arbitration protocol when the slave state
changes to the master state.
The arbitration cycle sequence is as follows.
1.
The external agent asserts ExtRqst* when it becomes necessary to issue external requests.
2.
The processor asserts Release* for 1 cycle when it becomes possible to process an external
request.
3.
The processor sets the SysAD bus and SysCmd bus to tri-state.
4.
The external agent must start transmission to the SysAD bus and SysCmd bus 2 cycles after
Release* is asserted.
5.
The external agent deasserts ExtRqst* 2 cycles after Release* is asserted. This does not apply
however to situations where an attempt is made to issue another external request.
6.
The external agent sets the SysAD bus and SysCmd bus to tri-state when processing of the
external request is complete.
The processor becomes able to issue processor requests 1 cycle after the external agent sets the
busses to tri-state.
Note:
The timing of the SysADC bus and SysCmdP bus are the same as the timing of the
SysAD bus and SysCmd bus timing, respectively.
Figure 11.2.18 Arbitration Protocol Relating to External Requests
Master
Slave
Master
1
2
3
4
5
6
Cycle
MasterClock
SysAD Bus
ValidIn*
WxtRqst*
7
8
9
10
11
12
SysCmd Bus
Cmd
Release*
1
5
4
3
NEOD
2
Addr
Data0
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com