Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 208 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 208 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 204Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 205Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 206Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 207Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 208Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 209Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 210Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 211Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 212Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 286 page
background image
Chapter 11 TX4956 System Interface
11-40
11.3.3.8 Interface Buses
Figure 11.3.1 shows the primary communication paths for the System interface: a 32-bit address
and data bus, SysAD[31:0], and a 5-bit command bus, SysCmd[4:0]. These SysAD and the SysCmd
buses are bidirectional; that is, they are driven by the processor to issue a processor request, and by
the external agent to issue an external request.
A request through the System interface consists of:
•
an address
•
a System interface command
•
a series of data elements if the request is for a write or read response.
Figure 11.3.1 System Interface Buses
11.3.3.9 Address and Data Cycles
The SysCmd bus identifies the contents of the SysAD bus during any cycle in which it is valid.
Cycles in which the SysAD bus contains a valid address are called address cycles. Cycles in which
the SysAD bus contains valid data are called data cycles. The most significant bit of the SysCmd bus
is always used to indicate whether the current cycle is an address cycle or a data cycle.
When the TX4956 processor is driving the SysAD and SysCmd buses, the System interface is in
master state. When the external agent is driving the SysAD and SysCmd buses, the System interface
is in slave state.
•
When the processor is master, it asserts the PValid* signal when the SysAD and SysCmd
buses are valid.
•
When the processor is slave, an external agent asserts the EValid* signal when the SysAD
and SysCmd buses are valid.
The SysCmd bus identifies the contents of the SysAD bus during valid cycles.
•
During address cycles (SysCmd[4] = 0), the remainder of the SysCmd bus, SysCmd[3:0],
contains a System interface command, described in Section 11.3.18 in detail.
•
During data cycles (SysCmd[4] = 1), the remainder of the SysCmd bus, SysCmd[3:0],
contains a data identifier, described in Section 11.3.18 in detail.
TX4956
SysCmd[4:0]
SysAD[31:0]
External Agent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com