Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38FG Datasheet(PDF) 37 Page - Toshiba Semiconductor

Part # TMP88CS38FG
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38FG Datasheet(HTML) 37 Page - Toshiba Semiconductor

Back Button TMP88CS38FG Datasheet HTML 33Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 34Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 35Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 36Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 37Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 38Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 39Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 40Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 41Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-37
1.7.2
Control
The ROM corrective function is controlled by ROM corrective control register (ROMCCR)
and ROM corrective data register (ROMCDR).
ROM Corrective Control Register
7
6
5
4
3
2
1
0
ROMCCR
(00FE0H)
−
−
−
−
CM3
CM2
CM1
CM0
(Initial value: **** 0000)
CM3
Corrective mode setting
(BANK3)
CM2
Corrective mode setting
(BANK2)
CM1
Corrective mode setting
(BANK1)
CM0
Corrective mode setting
(BANK0)
0: Proguram jump mode
1: Data replacement mode
R/W
ROM Corrective Status Register
7
6
5
4
3
2
1
0
ROMCSR
(00FE1H)
−
−
−
WDC
(Initial value: ***0 0000)
WDC
Write data counter
Counting the number of the byte written in ROMCDR
Read
only
ROM Corrective Data Register
7
6
5
4
3
2
1
0
ROMCDR
(00FE2H)
(Initial value: 0000 0000)
ROMC
ROM Corrective data register
Write
only
Figure 1.7.2 ROM Corrective Control Register, Status Register and ROM Corrective Data Register
(1) Enable and disable
The ROM corrective function is disabled after releasing reset. It is enabled after
setting the data for one bank into ROMCDR. And the address-trap-reset is not
generated when fetching an instruction from the RAM area except the address 02C0H
to 08BFH.
After the ROM corrective function is enabled, it is necessary to reset the
microcontroller in order to disable it.
(2) Data replacement mode
The ROM corrective function has the program jump mode and the data replacement
mode.
By setting CMx (x: 0 to 3) in ROMCCR, the data replacement mode is selected.
(3) The ROM corrective data register writing
The ROM corrective data register has four banks corresponding to four independent
locations to patch. The write data counter (WDC) points each bank set. (Figure 1.7.2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com