Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38FG Datasheet(PDF) 38 Page - Toshiba Semiconductor

Part # TMP88CS38FG
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38FG Datasheet(HTML) 38 Page - Toshiba Semiconductor

Back Button TMP88CS38FG Datasheet HTML 34Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 35Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 36Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 37Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 38Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 39Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 40Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 41Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 42Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-38
ROM Corrective Data Register
ROMCDR
(00FE2H) ROMC7 ROMC6 ROMC5 ROMC4 ROMC3 ROMC2 ROMC1 ROMC0
(Initial value: 0000 0000)
00000 (Initial value)
The lower start address of the corrective area (8 bits)
00001
The middle start address of the corrective area (8 bits)
00010
The upper start address of the corrective area (4 bits)
00011
The lower 8 bits of the jump address/replacement data
00100
The middle 8 bits of the jump address/replacement data
00101
The upper 4 bits of the jump address/replacement data
00110
The lower start address of the corrective area (8 bits)
00111
The middle start address of the corrective area (8 bits)
01000
The upper start address of the corrective area (4 bits)
01001
The lower 8 bits of the jump address/replacement data
01010
The middle 8 bits of the jump address/replacement data
01011
The upper 4 bits of the jump address/replacement data
01100
The lower start address of the corrective area (8 bits)
01101
The middle start address of the corrective area (8 bits)
01110
The upper start address of the corrective area (4 bits)
01111
The lower 8 bits of the jump address/replacement data
10000
The middle 8 bits of the jump address/replacement data
10001
The upper 4 bits of the jump address/replacement data
10010
The lower start address of the corrective area (8 bits)
10011
The middle start address of the corrective area (8 bits)
10100
The upper start address of the corrective area (4 bits)
10101
The lower 8 bits of the jump address/replacement data
10110
The middle 8 bits of the jump address/replacement data
10111
The upper 4 bits of the jump address/replacement data
00000
Note 1:
WDC value equals to the number of the byte stored in ROMCDR.
Note 2:
ROMCDR is set in order of the lower (8 bits), the middle (8 bits) and the upper (4 bits) start address of the
corrective area, the lower (8 bits), the middle (8 bits) and the upper (4 bits) of the jump address/the
replacement data.
Figure 1.7.3 Banks and WDC Value of the Program Corrective Data Register
Whenever ROMCDR is written, WDC is incremented to indicate what data is writen via
ROMCDR. During reset, WDC is initialized to “0”.
(1) The lower start address of the corrective area (8 bits)
(2) The middle start address of the corrective area (8 bits)
(3) The upper start address of the corrective area (4 bits)
(4) The lower jump address/replacement data (8 bits)
(5) The middle jump address/replacement data (8 bits)
(6) The upper jump address (4 bits)/replacement data
Note 1: Corrective addresses must have over five addresses each other.
Note 2: The address of a instruction for IDLE mode can not be specificated as start address of
corrective area.
BANK0
BANK1
BANK2
BANK3
The value of WDC after writing a data to ROMCDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com