Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38FG Datasheet(PDF) 63 Page - Toshiba Semiconductor

Part # TMP88CS38FG
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38FG Datasheet(HTML) 63 Page - Toshiba Semiconductor

Back Button TMP88CS38FG Datasheet HTML 59Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 60Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 61Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 62Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 63Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 64Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 65Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 66Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 67Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-63
2.5.3
Function
Timer/counter 1 has five operating modes: timer, external trigger timer, event counter,
window, pulse width measurement.
(1) Timer mode
In this mode, counting up is performed using the internal clock. The contents of
TC1DRA are compared with the contents of up counter. If a match is found, an INTTC1
interrupt is generated, and the counter is cleared to “0”. Counting up resumes after the
counter is cleared. The current contents of up counter can be transferred to TC1DRB
by setting ACAP1 (Bit6 in TC1CR) to “1” (Software capture function). (Auto-capture
function)
Table 2.5.1 Source Clock (Internal clock) for Timer/Counter 1 (Example: at fc
= 16.0 MHz)
NORMAL, IDLE mode
DV1CK
= 0
DV1CK
= 1
TC1CK
Resolution [
μs]
Maximum time
setting [s]
Resolution [
μs]
Maximum time
setting [s]
00
128.0
8.39
256.0
16.78
01
8.0
0.524
16.0
1.049
10
0.5
32.77 m
1.0
65.54 m
Example 1:
Sets the timer mode with source clock fc/2
11 [Hz] and generates an interrupt 1 later (at fc
= 16 MHz)
LDW
(TC1DRA), 1E84H
;
Sets the timer register
(1 s
÷ 211/fc = 1E84H)
DI
SET
(EIRL). 4
;
Enable INTTC1
EI
LD
(TC1CR), 00000000B
;
Selects the source clock and mode
LD
(TC1CR), 00010000B
;
Starts TC1
Example 2:
Auto capture
LD
(TC1CR), 01010000B
;
ACAP1
← 1 (Capture)
:
:
;
Wait at least one cycle of the internal source clock
LD
WA, (TC1DRB)
;
Reads the capture value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com