Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38FG Datasheet(PDF) 41 Page - Toshiba Semiconductor

Part # TMP88CS38FG
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38FG Datasheet(HTML) 41 Page - Toshiba Semiconductor

Back Button TMP88CS38FG Datasheet HTML 37Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 38Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 39Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 40Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 41Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 42Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 43Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 44Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 45Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-41
Example 2: Replacing data 55H at 0C020H with 33H
Using the initial routine program, which is executed right after reset, read the
start address of the data to be replaced and the patch data from the external
memory. Set CMx (x: 0 to 3) to “1” to change the correction mode to the data
replacement mode. Specify the start address (0C020H) of the data to be replaced
as the corrective ROM address. Then, specify the new three-byte data (33H for
0C020H, CCH for 0C021H, and C3H for 0C022H) as the patch data.
Note 1: Corrective address must be assigned to constant data area on the data
replacement mode. (Ope-code and ope-rand can’t be replaced by ROM correction
circuit.)
Note 2: Instructions which includes “(HL
+)” or “(−HL) ” operation can't be replaced by ROM
corrective circuit on the data replacement mode.
DBR
SFR
RAM
00000H
0003FH
00040H
0083FH
00F80H
00FFFH
04000H
FFFFFH
ROM
0C021H
55H
AAH
A5H
0C020H
0C022H
CCH
33H
3CH
Replacement data
1. At HL
= 0C020H, Executing LD A, (HL) loads 33H in A. (Data replacement)
2. At HL
= 0C021H, Executing LD A, (HL) loads AAH in A. (No data replacement)
3. At HL
= 0C020H, Executing LD WA, (HL) loads CC33H in WA. (Data replacement)
4. At HL
= 0C020H, Executing LD IX, (HL) loads CCC33H in IX. (Data replacement)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com