Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38FG Datasheet(PDF) 71 Page - Toshiba Semiconductor

Part # TMP88CS38FG
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38FG Datasheet(HTML) 71 Page - Toshiba Semiconductor

Back Button TMP88CS38FG Datasheet HTML 67Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 68Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 69Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 70Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 71Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 72Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 73Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 74Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 75Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-71
2.6.3
Function
The timer/counter 2 has three operating modes: timer, event counter and window modes.
(1) Timer mode
In this mode, the internal clock is used for counting up. The contents of TC2DR are
compared with the contents of up counter. If a match is found, a timer/counter 2
interrupt (INTTC2) is generated, and the counter is cleared. Counting up is resumed
after the counter is cleared.
Table 2.6.1 Source Clock (Internal clock) for Timer/Counter 2 (at fc
= 16.0 MHz)
NORMAL, IDLE Mode
DV1CK
= 0
DV1CK
= 1
TC2CK
Resolution
Maximum
Time Setting
Resolution
Maximum
Time Setting
000
524.3 [ms]
9.54 [h]
1.05 [s]
19.1 [h]
001
512.0 [
μs]
33.6 [s]
1.02 [ms]
1.12 [min]
010
16.0 [
μs]
1.05 [s]
32.0 [
μs]
2.09 [s]
011
0.5 [
μs]
32.8 [ms]
1.0 [
μs]
65.5 [ms]
100
Reserved
Reserved
Reserved
Reserved
101
Reserved
Reserved
Reserved
Reserved
Example: Sets the source clock fc/2
4 [Hz] and generates an interrupt event 25 ms (at fc
= 16 MHz, DV1CK = 1)
LDW
(TC2DR), 61A8H
;
Sets TC2DR (25 ms
÷ 24/fc = 61A8H)
DI
SET
(EIRH). 6
;
Enable INTTC2 interrupt
EI
LD
(TC2CR), 00001100B
;
Selects TC2 source clock
LD
(TC2CR), 00101100B
;
Starts TC2
Figure 2.6.3 Timer Mode Timing Chart
Timer trigger
INTTC2 interrupt
Source clock
Up Counter
n
1
2
1
2
3
n
0
Match detect
Counter clear
n
− 1
0
3
4
Count start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com