Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38FG Datasheet(PDF) 88 Page - Toshiba Semiconductor

Part # TMP88CS38FG
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38FG Datasheet(HTML) 88 Page - Toshiba Semiconductor

Back Button TMP88CS38FG Datasheet HTML 84Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 85Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 86Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 87Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 88Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 89Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 90Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 91Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 92Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-88
2.9.4
Channel Select
A serial bus interface circuit can select I/O pin when a serial bus interface is used for I2C
bus mode.
Port Switching Register
7
6
5
4
3
2
1
0
PMPXCR
(00027H)
“0”
CHS
(TC4ES) (TC3ES)
(Initial value: 00** **00)
CHS
I
2C bus Channel Select
0: Channel 0
1: Channel 1
R/W
Note 1:
When SIO mode, don’t use channel 0. Therefore, set to “1” in PMPXCR at SIO mode.
Note 2:
Always write “0” to bit7 in PMPXCR.
Note 3:
*: Don’t care
Figure 2.9.3 Channel Select
2.9.5
Software Reset
A serial bus interface circuit has a software reset function, when a serial bus interface
circuit is locked by an external noise, etc.
To occur software reset, write “01”, “10” into the SWRST (Bit1, 0 in SBICRB). During
software reset, the SWRMON (Bit0 in SBISRA) is clear to “0”.
2.9.6
The Data Format in The I
2C bus Mode
The data format when using the TMP88CS38 AND TMP88CM38A/CP38A in the I2C bus
mode are shown in as below.
Notes:
S:
Start condition
R/ W : Direction bit
ACK: Acknowledge bit
P:
Stop condition
Figure 2.9.4 Data Format in I
2C Bus Mode
1
1 or more
1 or more
1 or more
1
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
Data
1
1
Slave address
A
C
K
A
C
K
R
/
W
R
/
W
R
/
W
P
P
P
A
C
K
A
C
K
A
C
K
S
S
S
S
(a) Addressing format
(b) Addressing format (with restart)
(c) Free data format
Data
8 bits
1 to 8 bits
1 or more
1
Data
1 to 8 bits
Slave address
Slave address
Data
Data
Data
Data
8 bits
8 bits
1 to 8 bits
1 to 8 bits
1 to 8 bits
8 bits
1 to 8 bits
1
1
1
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com