Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38FG Datasheet(PDF) 25 Page - Toshiba Semiconductor

Part # TMP88CS38FG
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38FG Datasheet(HTML) 25 Page - Toshiba Semiconductor

Back Button TMP88CS38FG Datasheet HTML 21Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 22Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 23Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 24Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 25Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 26Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 27Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 28Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 29Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-25
Interrupt Latches (IL)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
IL31
IL30
IL29
IL28
IL27
IL26
IL25
IL24
IL23
IL22
IL21
IL20
IL19
IL18
IL17
IL16
IL
(0002E,
0002FH)
ILD (0002FH)
ILE (0002EH)
(Initial value: 00000000 00000000)
IL15
IL14
IL13
IL12
IL11
IL10
IL9
IL8
IL7
IL6
IL5
IL4
IL3
IL2
INF
IL
(0003C,
0003DH)
ILH (0003DH)
ILL (0003CH)
(Initial value: 00000000 00000000**)
Interrupt Enable Registers (EIR)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
EF31 EF30 EF29 EF28 EF27 EF26 EF25 EF24 EF23 EF22 EF21 EF20 EF19 EF18 EF17 EF16
EIR
(0002C,
0002DH)
EIRD (0002DH)
EIRE (0002CH)
(Initial value: 00000000 00000000)
EF15 EF14 EF13 EF12 EF11 EF10
EF9
EF8
EF7
EF6
EF5
EF4
EF3
IMF
EIR
(0003A,
0003BH)
EIRH (0003BH)
EIRL (0003AH)
(Initial value: 00000000 0000000**0)
Note 1:
Do not clear IL with read-modify-write instructions such as bit operations.
Note 2:
Do not set IMF to “1” during non-maskable interrupt service program.
Note 3:
Bits 1 and 0 in ILL are read in as undefined data when a read instruction is executed.
Note 4:
*: Don’t care
Note 5:
Do not clear IL2 to “0” by an instruction.
Note 6:
At TMP88CS38/CM38A/CP38A, IL18 to IL31 and IF18 to IF31 are not used.
Note 7:
After IMF is cleared, modify EF and IL.
Figure 1.5.2 Interrupt Latches (IL) and Interrupt Enable Registers (EIR)
1.5.1
Interrupt Sequence
An interrupt request is held until the interrupt is accepted or the interrupt latch is
cleared to “0” by a reset or an instruction. Interrupt acceptance sequence requires 12
machine cycles (3
μs at fc = 16 MHz in the NORMAL mode) after the completion of the
current instruction execution. The interrupt service task terminates upon execution of an
interrupt return instruction [RETI] (for maskable interrupts) or [RETN] (for pseudo
non-maskable interrupts). Figure 1.5.3 shows the timing chart of interrupt acceptance
processing.
(1) Interrupt acceptance
Interrupt acceptance processing is as follows.
1. The interrupt master enable flag (IMF) is cleared to “0” to temporarily disable the
acceptance of any following maskable interrupts. When a non-maskable interrupt
is accepted, the acceptance of any following interrupts is temporarily disabled.
2. The interrupt latch (IL) for the interrupt source accepted is cleared to “0”.
3. The contents of the program counter (PC) and the program status word (PSW) are
saved (Pushed) on the stack in sequence of PSWH, PSWL, PCE, PCH, PCL. The
stack pointer (SP) is decremented five times.
4. The entry address of the interrupt service program is read from the vector table,
and set to the program counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com