Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38FG Datasheet(PDF) 44 Page - Toshiba Semiconductor

Part # TMP88CS38FG
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38FG Datasheet(HTML) 44 Page - Toshiba Semiconductor

Back Button TMP88CS38FG Datasheet HTML 40Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 41Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 42Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 43Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 44Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 45Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 46Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 47Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 48Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-44
2.2
I/O Ports
The TMP88CS38/CM38A/CP38A has 6 parallel input/output ports (33 pins) as follows:
Primary Function
Secondary Functions
Port P2
1-bit I/O port
External interrupt input, and STOP mode release signal input
Port P3
6-bit I/O port
External interrupt input, remote control signal input, data slicer analog
input, timer/counter input, serial bus interface input/output and data
slicer input
Port P4
8-bit I/O port
Pulse width modulation output
Port P5
8-bit I/O port
Pulse width modulation output external interrupt input, timer/counter
input, key-on wakeup input, serial bus interface input/output, analog
input and I output from OSD circuitry.
Port P6
8-bit I/O port
R, G, B and Y/BL output from OSD circuitry, R.G.B and Y/BL input,
analog input, test video signal output and key-on wakeup input
Port P7
2-bit I/O port
Horizontal synchronous pulse input and vertical synchronous pulse
input to OSD circuitry
Each output port contains a latch, which holds the output data. All input ports do not have
latches, so the external input data should either be held externally until read or reading should
be performed several times before processing. Figure 2.2.1 shows input/output timing examples.
External data is read from an I/O port in the S1 state of the read cycle during execution of the
read instruction. This timing can not be recognized from outside, so that transient input such as
chattering must be processed by the program. Output data changes in the S2 state of the write
cycle during execution of the instruction which writes to an I/O port.
Note: The positions of the read and write cycles may vary, dispending on the instruction.
Figure 2.2.1 Input/Output Timing (Example)
Fetch cycle
Fetch cycle
Read cycle
S0 S1 S2 S3 S0 S1 S2 S3 S0 S1 S2 S3
Ex.: LD
A, (x)
(a) Input timing
Instruction
execution
cycle
Input strobe
Data input
Fetch cycle
Fetch cycle
Write cycle
S0 S1 S2 S3 S0 S1 S2 S3 S0 S1 S2 S3
Ex.: LD
(x), A
Instruction
execution
cycle
Output latch
pulse
Data output
(b) Output timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com