Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38FG Datasheet(PDF) 67 Page - Toshiba Semiconductor

Part # TMP88CS38FG
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38FG Datasheet(HTML) 67 Page - Toshiba Semiconductor

Back Button TMP88CS38FG Datasheet HTML 63Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 64Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 65Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 66Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 67Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 68Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 69Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 70Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 71Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-67
Note 1: Be sure to read the captured value from TC1DRB before the next trigger edge is
detected. If fail to read it, it becomes undefined. It is recommended that a 16-bit access
instruction be used to read from TC1DRB.
Note 2: If either the falling or rising edge is used in capturing values, the counter stops at “1”
after a value has been captured until the next edge is detected. So, the value captured
next will become “1” larger than the value captured right after capturing starts.
Note 3: In the Pulse width measurement mode, the capture value of the first time after the timer
starts might not be a correct value. Thus, execute the dummy read once.
Example: Duty measurement (Resolution fc/2
7 [Hz] DV1CK
= 0)
CLR
(INTTC1SW). 0
;
INTTC1 service switch initial setting:
Clears bit0 of INTTC1SW. This bit is inverted by
CPL instruction before INTTC1 is generated.
LD
(TC1CR), 00000110B
;
Sets the TC1 mode and source clock
DI
SET
(EIRL). 4
;
Enables INTTC1
EI
LD
(TC1CR), 00100110B
;
Starts TC1 with an external trigger at MCAP1
= 0
PINTTC1:
CPL
(INTTC1SW). 0
;
Complements INTTC1 service switch
JRS
F, SINTTC1
LD
WA, (TC1DRBL)
;
Reads TC1DRB (“H” level pulse width)
Lower address in TC1DRBL: TC1DRB
LD
(HPULSE), WA
RETI
SINTTC1:
LD
LD
WA, (TC1DRBL)
(WIDTH), WA
;
Reads TC1DRB (Period)
RETI
;
Duty calculation
VINTTC1:
DW
PINTTC1
;
Sets INTTC1
HPULSE
WIDTH
TC1 pin
INTTC1
INTTC1SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com