Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38FG Datasheet(PDF) 31 Page - Toshiba Semiconductor

Part # TMP88CS38FG
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38FG Datasheet(HTML) 31 Page - Toshiba Semiconductor

Back Button TMP88CS38FG Datasheet HTML 27Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 28Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 29Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 30Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 31Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 32Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 33Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 34Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 35Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-31
Table 1.5.2 External Interrupts
Source
Pin
Secondary
Function Pin
Enable Conditions
Edge
Digital Noise Rejection
INT0
INT0
P50/TC2/ PWM8
IMF
= 1, INT0EN = 1, EF3 = 1
Falling edge
Any pulse shorter than 2/fc [s]
is regarded as noise and
removed. Pulses not shorter
than 7/fc [s] are definitely
regarded as signals.
INT2
INT2
P53/TC1/ SCK1 /
AIN0/ KWU0
IMF·EF7 = 1
Falling edge or
rising edge
Pulses of less than 7/fc [s] are
eliminated as noise. Pulses
equal to or more than 25/fc [s]
are regarded as signals.
INT3
INT3
P30/RXIN
IMF·EF11 = 1
Falling edge,
rising edge or
falling/rising edge
Refer to the section of the
remote control preprocessor
INT4
INT4
P31/TC3
IMF·EF12 = 1
Falling edge or
rising edge
Pulses of less than 7/fc [s] are
eliminated as noise. Pulses of
25/fc [s] or more are
considered to be signals.
INT5
INT5
P20/ STOP
IMF·EF15 = 1
Falling edge
Any pulse shorter than 2/fc [s]
is regarded as noise and
removed. Pulses not shorter
than 7/fc [s] are definitely
regarded as signals.
Note 1: The noise rejection function is also affected for timer counter input 1 (TC1 pin).
Note 2: If a noiseless signal is input to the external interrupt pin in the NORMAL or IDLE mode, the maximum
time from the edge of input signal until the IL is set is as follows:
(1) INT2, INT4 pin 31/fc [s]
(2) INT3 pin
Refer to the section of the remote control preprocessor.
Note 3: If a dual-function pin is used as an output port, changing data or switching between input and output
generates a pseudo interrupt request signal. To ignore this signal, it is necessary to reset the interrupt
enable flag.
Note 4: If INT0EN
= “0”, detecting the falling edge of the INT0 pin input does not set the interrupt latch IL3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com