Electronic Components Datasheet Search
  English  ▼

X  

ACT43750 Datasheet(PDF) 6 Page - Qorvo, Inc

Part # ACT43750
Description  RF POL Drain-Switch Driver / Gate-bias Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT43750 Datasheet(HTML) 6 Page - Qorvo, Inc

Back Button ACT43750 Datasheet HTML 2Page - Qorvo, Inc ACT43750 Datasheet HTML 3Page - Qorvo, Inc ACT43750 Datasheet HTML 4Page - Qorvo, Inc ACT43750 Datasheet HTML 5Page - Qorvo, Inc ACT43750 Datasheet HTML 6Page - Qorvo, Inc ACT43750 Datasheet HTML 7Page - Qorvo, Inc ACT43750 Datasheet HTML 8Page - Qorvo, Inc ACT43750 Datasheet HTML 9Page - Qorvo, Inc ACT43750 Datasheet HTML 10Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
Data Sheet Rev. F, February 10, 2025 | Subject to change without notice
6 of 43
www.qorvo.com
© 202 Qorvo US, Inc. All rights reserved.
ACT43750
RF POL Drain-Switch Driver / Gate-bias Regulator
®
PIN DESCRIPTIONS
Pin
NAME
DESCRIPTION
1
V50
Input power to the DSW50 control section of the IC.
2, 28
PGND
Dedicated power ground for the DSW50 gate drive. Connect to AGND with a Kelvin connection.
3
AGND
Ground pin for the analog blocks. Connect to PGND with a Kelvin connection.
4
XINT
Interrupt output. Open drain. Connect it through a pull-up resistor to V5.
5
V5
5V Bias regulator output. Requires a 2.2uF capacitor to AGND
6
SDA
I2C Data Pin for Slave mode
7
SCL
I2C Clock Pin for Slave mode
8
SCL50
I2C Data Pin for Master mode
9
SDA50
I2C Clock Pin for Master mode
10
ENTX
Enable input for the DSW50 block. Don't float this pin. Connect it through a 100k
Ω resistor to AGND.
ENTX pin needs to be logic low when startup.
11
ENCAL
Enable input to start an autocalibration routine. Don't float this pin. Connect it through a 100k
Ω resistor to
AGND.
12
SYNC
External clock synchronization input
13
CONF
External configuration resistor input. Connect a resistor between CONF and V5 and between CONF and
AGND to configure IC settings.
14
RT
Sets the negative gate voltage switching frequency. Connect a resistor between RT and AGND.
15
REFIN
External voltage reference input. Leave open if not used.
16
NTC
Negative temperature coefficient resistor input.
17
ENG
Enable input for the REGG block (negative voltage regulator). Don't float this pin. Connect it through a
100k
Ω resistor to AGND.
18
PG
Power good output. Open drain. Connect it through a pull-up resistor to V5.
19
GV5
Floating negative gate voltage output. Connect a 2.2uF capacitor between GV5 and VG.
20
GREF
The local voltage reference for the REGG output. Connect a 100nF capacitor between GREF and VG.
21
COMP
Compensation input. Connect a 470pF capacitor between COMP and VG.
22
VG
Feedback input for the REGG output. Connect a 10nF capacitor between VG and V12.
23
GSW
REGG switching node.
24
V12
External 12V bias input pin. Connect a 10uF capacitor between V12 and PGND. Connect a 10nF capaci-
tor between V12 and VG.
25
LSR
Low-side gate drive regulator for the DSW50 block. Connect a 2.2uF capacitor between LSR and PGND.
26
LSGU
Pullup output for the low-side FET gate.
27
LSGD
Pulldown output for the low-side FET gate.
29
CPL
High-side gate drive regulator flying capacitor terminal. Connect a 47nF capacitor and a 33Ω resistor in
series between CPL and CPH.
30
CPH
High-side gate drive regulator flying capacitor terminal. Connect a 47nF capacitor and a 33
Ω resistor in
series between CPH and CPL.
31
CALG
Calibration FET gate output.
32
VD
DSW50 output voltage for the high side FET. Connect a 10uF capacitor between VD and BT50.
33
BT50
High-side gate drive regulator bootstrap output. Connect a 10uF capacitor between BT50 and VD.
34
HSGD
Pulldown output for the high-side FET gate.
35
HSGU
Pullup output for the high-side FET gate.
36
CSPA
Overcurrent sense resistor input for the drain FET
37
CSCAL
Calibration current sense resistor input for the calibration FET.
-
Exposed PAD
Exposed thermal pad. Connect directly to PGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com