Electronic Components Datasheet Search
  English  ▼

X  

ACT43750 Datasheet(PDF) 20 Page - Qorvo, Inc

Part # ACT43750
Description  RF POL Drain-Switch Driver / Gate-bias Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT43750 Datasheet(HTML) 20 Page - Qorvo, Inc

Back Button ACT43750 Datasheet HTML 16Page - Qorvo, Inc ACT43750 Datasheet HTML 17Page - Qorvo, Inc ACT43750 Datasheet HTML 18Page - Qorvo, Inc ACT43750 Datasheet HTML 19Page - Qorvo, Inc ACT43750 Datasheet HTML 20Page - Qorvo, Inc ACT43750 Datasheet HTML 21Page - Qorvo, Inc ACT43750 Datasheet HTML 22Page - Qorvo, Inc ACT43750 Datasheet HTML 23Page - Qorvo, Inc ACT43750 Datasheet HTML 24Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
Data Sheet Rev. F, February 10, 2025 | Subject to change without notice
20 of 43
www.qorvo.com
© 202 Qorvo US, Inc. All rights reserved.
ACT43750
RF POL Drain-Switch Driver / Gate-bias Regulator
®
Figure 5 shows the ACT43750 detailed functional
blocks.
The ACT43750 provides the following three (3) major
functions.
1.
REGG: generates the negative gate voltage
2.
DSW50: generates the RF PA drain voltage
3.
IDRAIN Calibrator: calibrates the RF PA’s gate
voltage to optimize the RF PA performance.
To support these 3 blocks, the device integrates the
following supporting function blocks.
•
Logic Interface
o
I2C Slave
o
I2C Master
o
I2C Bypass
•
Finite State Machine
•
Device Initialization / Configuration
o
External Configuration Resistors
o
Factory Programming Defaults
o
I2C Registers
•
Device Bias / Reference System
o
5-V Bias Regulator
o
Floating 5-V Bias Regulator
o
Low-side Gate Drive Regulator
o
High-side Gate Drive Regulator
o
Switching Clock Generator
o
DACG
•
Protection Circuitry
State Machine
The ACT43750 integrates a state machine to control the
overall IC behavior and operation. The following section
describes each state.
No Power
The IC starts up in this state and remains there until
the V12 input bias voltage goes above its UVLO,
typically 10V.
Bias Ramp
When the V12 bias voltage goes above ULVO, the state
machine moves to the Bias Ramp stage. In this state,
the IC initializes and loads the default CMI values from
NVM into working memory. It reads the voltage on
CONF and loads the resulting value into register 0x11h.
It reads bit 0x11h [6] and decides to use the internal
clock, which is set by the RRT resistor, or synchronize
with the external clock. It loads the REGG voltage ref-
erence to set the default negative gate voltage. After
these steps are complete and the bias voltages are
ready, the IC moves to the Bias Ready state.
Bias Ready
In the Bias Read state, the IC waits for an input trigger
to turn on the negative gate voltage, REGG.
REGG Ramp
When a REGG enable event is triggered, the device
starts up the REGG negative gate drive voltage.
REG50 Ramp
When the REGG voltage is ready, the VPG pin goes
open drain. This allows the IC to enable an external
drain voltage regulator if available. This state is in-
tended to enable the ACT43850 via I2C. It does this by
automatically using the Master I2C bus to write a 1 to
the ACT43850 register 0x08 bit[0].
TX Ready
When both the REGG and REG50 are ready, the IC en-
ters this state and waits for a command to enter one of
the following states: DSW50 ON, RSCAL CAL, REGG
to MIN, and REGG Programming.
DSW50 ON
In this state, the drain FET is turned on, and the drain
voltage is applied to the RF PA. Before the IC enters
this state, it must have entered either the RSCAL CAL,
REGG to MIN, or REGG Programming states.
RSCAL CAL
In this state, an autocalibration routine is performed to
find the proper gate voltage to bias the RF PA at the
desired drain current, Idq.
REGG to MIN
In this state, the REGG gate voltage slews to the mini-
mum programmed value to turn off the RF PA.
REGG Programming
The IC enters this state when an I2C command changes
the DACG register value. This value sets the REGG
negative gate voltage to the RF PA. The gate voltage
can only be changed when ENTX is low. That means
the IC can only enter this state when the drain voltage
is off.
Error REGG MIN
The IC enters this state when it detects an overcurrent
or over-temperature on the RF PA. The device turns off
the drain voltage and drives the REGG gate voltage to
the minimum programmed voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com