Electronic Components Datasheet Search
  English  ▼

X  

ACT43750 Datasheet(PDF) 7 Page - Qorvo, Inc

Part # ACT43750
Description  RF POL Drain-Switch Driver / Gate-bias Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT43750 Datasheet(HTML) 7 Page - Qorvo, Inc

Back Button ACT43750 Datasheet HTML 3Page - Qorvo, Inc ACT43750 Datasheet HTML 4Page - Qorvo, Inc ACT43750 Datasheet HTML 5Page - Qorvo, Inc ACT43750 Datasheet HTML 6Page - Qorvo, Inc ACT43750 Datasheet HTML 7Page - Qorvo, Inc ACT43750 Datasheet HTML 8Page - Qorvo, Inc ACT43750 Datasheet HTML 9Page - Qorvo, Inc ACT43750 Datasheet HTML 10Page - Qorvo, Inc ACT43750 Datasheet HTML 11Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
Data Sheet Rev. F, February 10, 2025 | Subject to change without notice
7 of 43
www.qorvo.com
© 202 Qorvo US, Inc. All rights reserved.
ACT43750
RF POL Drain-Switch Driver / Gate-bias Regulator
®
ABSOLUTE MAXIMUM RATINGS (NOTE 1) (NOTE 2)
Parameter
Value
Unit
V50
-0.3 to +65
V
VCSPA, VCSCAL (Referenced to V50)
-5 to +0.3
V
VBT50 (Referenced to VD)
-0.3 to +10
V
VD
-0.3 to (V50 + 0.3)
V
V12
-0.3 to +15.0
V
VSDA, VSCL, VSCL50, VSDA50, VENCAL, VENG, VPG, VXINT, VENTX, VSYNC, VNTC, VREFIN, VCONF
‒0.3 to +6.0
V
VG
‒10.0 to +0.3
V
VGSW
– with respect to VG
‒0.3 to (|V12 ‒ VPGND| +
0.3)
V
VAGND to VPGND
‒0.3 to +0.3
Junction to Case Thermal Resistance (Note 3)
6.03
oC/W
Junction to Ambient Thermal Resistance (Note 3)
24.37
oC/W
Operating Junction temperature
-40 to 125
oC
Storage temperature
-55 to 150
oC
V_ESD_HBM (All pins) (Human body model per JEDEC JS-001)
2500
V
V_ESD_CDM (All pins) (Charged device model JEDEC JS-002)
1250
V
MSL
MSL3
Note 1: Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Note 2: All voltages with respect to PGND unless otherwise noted.
Note 3: Measured on Qorvo Evaluation board, which has 1oz copper and 163.5mm x 229mm board area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com