Electronic Components Datasheet Search
  English  ▼

X  

ACT43750 Datasheet(PDF) 25 Page - Qorvo, Inc

Part # ACT43750
Description  RF POL Drain-Switch Driver / Gate-bias Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT43750 Datasheet(HTML) 25 Page - Qorvo, Inc

Back Button ACT43750 Datasheet HTML 21Page - Qorvo, Inc ACT43750 Datasheet HTML 22Page - Qorvo, Inc ACT43750 Datasheet HTML 23Page - Qorvo, Inc ACT43750 Datasheet HTML 24Page - Qorvo, Inc ACT43750 Datasheet HTML 25Page - Qorvo, Inc ACT43750 Datasheet HTML 26Page - Qorvo, Inc ACT43750 Datasheet HTML 27Page - Qorvo, Inc ACT43750 Datasheet HTML 28Page - Qorvo, Inc ACT43750 Datasheet HTML 29Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
Data Sheet Rev. F, February 10, 2025 | Subject to change without notice
25 of 43
www.qorvo.com
© 202 Qorvo US, Inc. All rights reserved.
ACT43750
RF POL Drain-Switch Driver / Gate-bias Regulator
®
IC BIAS CIRCUITRY
The ACT43750 supports both controlled positive and
negative output voltages. This requires multiple refer-
ence voltage and ground references.
V12 Bias Regulator
The IC requires an external 12V bias input. This bias
voltage is applied to the V12 pin, which requires at least
a 10µF X5R or X7R ceramic capacitor, CV12, to AGND.
The 12V bias voltage should be relatively clean with
less than 100mV of ripple. This voltage powers the ICs
and generates the other reference voltages and the
negative gate voltage.
5V Bias Regulator
An internal linear regulator provides a 5V bias at the V5
pin. This bias voltage directly powers most of the inter-
nal circuitry. The 5V bias voltage should be relatively
clean with less than 50mV of ripple. It requires a 2.2µF
X5R or X7R ceramic capacitor, CV5, to AGND
Floating 5V Bias Regulator
Because the ACT43750 provides a negative gate volt-
age, it needs a 5V bias that is referenced to the negative
gate voltage, VG. The ACT43750 generates this float-
ing 5V bias with a linear regulator output at the GV5 pin.
This regulator biases all circuitry that is referenced to
the VG voltage. It requires a 2.2µF X5R or X7R ceramic
capacitor, CGV5, to the VG pin.
Low-side Gate Drive Regulator
The ACT43750 provides a linear regulator to power the
low-side gate driver at the LSR pin. This allows the user
to optimize the gate drive voltage for the specific FETs
used in the design. Note that the voltage on LSR is used
for both the low-side and high-side FETs. The
VoLSR[3:0] bits in register 0x0Fh [3:0] set the default
gate drive voltage. The default LDO voltage is set at the
factory. This voltage cannot be changed on the fly. Con-
tact Qorvo if a different default voltage is needed. The
low-side gate drive regulator requires a 2.2µF ceramic
capacitor to PGND.
High-side Gate Drive Regulator
Note that the high-side FET gate voltage is the same as
the low-side FET. The ACT43750 provides a charge-
pump regulator to power the high-side gate driver at the
BT50 pin. This charge pump transfers the LSR voltage,
referenced to PGND, to the CBT50 capacitor, refer-
enced to VD, the drain voltage. The high side gate drive
regulator requires a 47nF capacitor (CCP) in series with
a 33ohm resistor (RCP) between the CPL and CPH pins.
The charge pump resistor RCP power dissipation is a
function of drain voltage, frequency, and capacitance.
Use the following equation to calculate the RCP power
dissipation.
������ = 0.5 ∗ ������ ∗ ������2 ∗ ������
(1)
Where:
P – power loss of charge pump resistor, unit Watt.
C – charge capacitance, the unit is F.
F – drain voltage switching frequency, the unit is Hz.
V – drain voltage, the unit is Volt.
The RCP resistor power rating should be higher than
power loss and have at least a 50% margin.
PMIC OPERATION
The
following
sections
describe
the
available
ACT43750 functionality. The detailed functional dia-
gram is shown in Figure 5.
DSW50 Drain Voltage
The DSW50 block provides drain switch control for RF
PA GaN FETs. It does this by driving two separate FETs
to apply the drain voltage to the RF PA and remove the
drain voltage from the RF PA. This block supports both
enhanced-mode power GaN and traditional Si (silicon)
power FETs.
High-Side Driver: The high-side FET driver has two
separate output pins that provide a push-pull output to
drive the drain FET. The HSGU pin turns the drain FET
on by applying a floating voltage to the FET gate refer-
enced to the VD pin's drain voltage. The HSGD pin
turns the drain FET off by pulling the gate to the VD
voltage.
Low-Side Driver: The low-side FET driver also has two
separate output pins that provide a push-pull output to
drive the bottom FET. The LSGU pin turns the bottom
FET on by applying the gate voltage to the FET gate.
This voltage is ground-referenced. The LSGD pin turns
the bottom FET off by pulling the gate to the ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com