Electronic Components Datasheet Search
  English  ▼

X  

ACT43750 Datasheet(PDF) 16 Page - Qorvo, Inc

Part # ACT43750
Description  RF POL Drain-Switch Driver / Gate-bias Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT43750 Datasheet(HTML) 16 Page - Qorvo, Inc

Back Button ACT43750 Datasheet HTML 12Page - Qorvo, Inc ACT43750 Datasheet HTML 13Page - Qorvo, Inc ACT43750 Datasheet HTML 14Page - Qorvo, Inc ACT43750 Datasheet HTML 15Page - Qorvo, Inc ACT43750 Datasheet HTML 16Page - Qorvo, Inc ACT43750 Datasheet HTML 17Page - Qorvo, Inc ACT43750 Datasheet HTML 18Page - Qorvo, Inc ACT43750 Datasheet HTML 19Page - Qorvo, Inc ACT43750 Datasheet HTML 20Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
Data Sheet Rev. F, February 10, 2025 | Subject to change without notice
16 of 43
www.qorvo.com
© 202 Qorvo US, Inc. All rights reserved.
ACT43750
RF POL Drain-Switch Driver / Gate-bias Regulator
®
Master Address
The ACT43750 provides a Master I2C bus that gives the
system additional flexibility to automatically control and
adjust IC functionality that can optimize RF PA function-
ality in the system. Examples include using an external
memory IC containing a lookup table to automatically
adjust the voltages and currents. The Master can per-
form the following functions.
•
Scans to check if companion devices are on the
Master I2C bus.
•
Enable and disable the ACT43850 companion IC.
•
Provide bypass control from a system-host,
through the ACT43750 to the ACT43850.
•
Program or adjust the ACT43850 output voltage.
This is the RF PA drain voltage.
•
Read an external I2C memory IC to set the
ACT43850 output voltage.
•
Read an external I2C memory IC
to set the
ACT43750 Idq calibration current.
•
Read an external I2C memory IC to set the
ACT43750 negative gate voltage.
A system host, via the I2C Slave, can turn ON or OFF
the I2C master block using register 0x17h [1]. The host
can also change the I2C master clock speed using reg-
ister 0x17h [3:2].
Scanning for I2C Companion Devices
The IC automatically scans for I2C slave devices on the
Master bus when the state machine enters the REG50
Ramp state. The Master bus can only have a single
ACT43850 connected. It can also have a single I2C
memory device connected. If an ACT43850 slave de-
vice is found, the IC sets register 0x99h [0] = 1 and
stores
the slave’s I2C address in register 0x98 [7:1]. If
an I2C memory device is found, the ACT43750 sets reg-
ister 0x99h [1] to 0.
I2C Bypass
The ACT43750 provides an I2C bridge logic between
the I2C Slave and the I2C Master blocks. A system host
can turn on the bypass function by setting register
0x17h [0] = 1. In bypass mode, the ACT43750 will pass-
through commands from the system host on the Slave
bus (SDA, SCL), to the ACT43850 on the Master
bus(SDA50, SCL50). It also transfers the ACT43850 re-
sponses back to the system host.
To avoid communication issues, when the ACT43750
executes I2C on the Master bus, it sets register 0x99h
[2] = 1 to let the system host know that it must wait until
the Master bus communication is complete. When the
Master bus communication is complete, the IC clears
this bit.
Device initialization /configuration
The ACT43750 provides multiple layers/steps to select
its configuration and operation modes. At startup, the IC
reads internal I2C registers and external component val-
ues to configure its operation. After startup, users can
change functionality by changing the internal register
settings with standard I2C commands.
Factory Programming Options / CMI I2C Regis-
ters
The ACT43750 contains several 8-bit registers that are
preprogrammed at the factory. The default register val-
ues are set at the factory. These default values are re-
ferred to as the CMI (Code Matrix Index), and they are
stored in non-volatile memory (NVM). Each different
CMI is referred to by a three-digit number which results
in a unique orderable part number. The I2C registers
can be changed via the I2C Slave bus. Refer to the
ACT43750 Register Definition Application Note for
more details about the available register settings. Ex-
amples of functionality that can be changed via I2C are
below. Refer to the Register Map Application Note for
more details.
Table 2. ACT43750 I2C Functions
IC Function
Register
REGG output voltage range and resolution
0x06h-0x07h
Spread-spectrum behavior details
0x10h
External and internal clock synchronization
0x11h
Internal clock oscillator output control
0x11h
External clock synchronization polarity se-
lection
0x11h
DSW50 dead-time control adjustment
0x12h
LSR voltage (power FET gate voltage)
0x0Fh
RSCAL calibration target adjustment
0x13h
Internal or external reference selection
0x0Fh
Interrupt Mask
0x09h-0x0Ah
REGG soft-start time
0x0Eh
Power good delay time
0x10h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com