Electronic Components Datasheet Search
  English  ▼

X  

ACT43750 Datasheet(PDF) 27 Page - Qorvo, Inc

Part # ACT43750
Description  RF POL Drain-Switch Driver / Gate-bias Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT43750 Datasheet(HTML) 27 Page - Qorvo, Inc

Back Button ACT43750 Datasheet HTML 23Page - Qorvo, Inc ACT43750 Datasheet HTML 24Page - Qorvo, Inc ACT43750 Datasheet HTML 25Page - Qorvo, Inc ACT43750 Datasheet HTML 26Page - Qorvo, Inc ACT43750 Datasheet HTML 27Page - Qorvo, Inc ACT43750 Datasheet HTML 28Page - Qorvo, Inc ACT43750 Datasheet HTML 29Page - Qorvo, Inc ACT43750 Datasheet HTML 30Page - Qorvo, Inc ACT43750 Datasheet HTML 31Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
Data Sheet Rev. F, February 10, 2025 | Subject to change without notice
27 of 43
www.qorvo.com
© 202 Qorvo US, Inc. All rights reserved.
ACT43750
RF POL Drain-Switch Driver / Gate-bias Regulator
®
REGG Negative Gate Drive
The REGG block is an ultra-low noise inverting step-
down dc-to-dc regulator with integrated FETs. This
block supports 300mA (500mA peak) of sourcing output
current (current into load devices) and 100 mA of sink-
ing current (current into the ACT43750). The negative
gate voltage at the VG output is referenced to PGND.
When the REGG block is enabled, the gate voltage
slews to the value set in DACGMAX (Register 0x15).
The ACT43750 provides an autocalibration routine to
automatically find the correct gate voltage that drives
the RF PA GaN FET at its optimum bias point.
Voltage Reference
The ACT43750 provides a programmable reference
voltage system for the REGG that consists of the follow-
ing sub-blocks.
• DACG: 13-bit DAC with output voltage from 0.75 V to
3.00 V. Note that the resulting gate voltage is scaled to
-2x the DACG voltage.
• External reference input at the REFIN pin. The user
can supply an external reference voltage to replace the
internal DAC reference voltage.
• DACG Digital Servo that controls the gate voltage slew
rate when changing from one voltage to another.
• Soft-start control by adjusting charge current to capac-
itor CGREF.
• Reference voltage noise reduction circuits to minimize
noise applied to the RF PA gate.
DACG
The ACT43750 provides multiple methods of program-
ming the 13-bit DAC between 0.75 V to 3.00 V. The
DACG block contains several registers that set the
DACG voltage. The actual DAC output voltage is set by
the 13 bits in registers 0x07h [7:0] and 0x06h [4:0]. Reg-
ister 0x07h contains the upper 8 msb and register
0x06h[4:0] contains the lower 5 msb. These two regis-
ters are combined to create a 13-bit register, DACG.
The DACG register sets the DACG output voltage,
which can be programmed between 0.75V and 3.0V in
366.2µV steps. Setting DACG below 0.75V is not al-
lowed.
DACG Voltage = DACG * 366.2µV
Where DACG is the decimal equivalent of the 13 bits in
the hex-based register. Table 6 shows several example
DACG register values converted to the DACG voltage
and the resulting gate drive voltage. Note that the re-
sulting gate drive voltage is -2 times the DACG voltage.
DACGMIN and DACGMAX are 8-bit registers that pro-
gram the minimum and maximum DACG clamp voltage.
These two registers define the starting and stopping
points in the autocalibration routine and provide safety
clamps to place known limits on the RF PA gate voltage.
DACGMIN is in register 0x14h and DACGMAX is in reg-
ister 0x15h. These registers correspond to the 8 most
significant bits of DACG.
Table 6. DACG Register Values
Reg07[7:0]
Reg06[7:0]
Reference Voltage Target
Output Voltage Target
(VGREF-VG), (VDACG-VAGND)
(VG-VPGND)
0100 0000
0000 0000
+0.750V
-1.500V
…....
0101 0101
0000 1010
+0.9997V
-1.9995V
0101 0101
0000 1011
+1.0001V
-2.0002V
0101 0101
0000 1100
+1.0005V
-2.0009V
…....
0110 1010
0001 0101
+1.250V
-2.500V
…....
1000 0000
0000 0000
+1.500V
-3.000V
…….
1100 0000
0000 0000
+2.250V
-4.500V
…....
1111 1111
0001 1111
+3.000V
-6.000V
There are multiple ways to program the DACG bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com