Electronic Components Datasheet Search
  English  ▼

X  

ACT43750 Datasheet(PDF) 11 Page - Qorvo, Inc

Part # ACT43750
Description  RF POL Drain-Switch Driver / Gate-bias Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT43750 Datasheet(HTML) 11 Page - Qorvo, Inc

Back Button ACT43750 Datasheet HTML 7Page - Qorvo, Inc ACT43750 Datasheet HTML 8Page - Qorvo, Inc ACT43750 Datasheet HTML 9Page - Qorvo, Inc ACT43750 Datasheet HTML 10Page - Qorvo, Inc ACT43750 Datasheet HTML 11Page - Qorvo, Inc ACT43750 Datasheet HTML 12Page - Qorvo, Inc ACT43750 Datasheet HTML 13Page - Qorvo, Inc ACT43750 Datasheet HTML 14Page - Qorvo, Inc ACT43750 Datasheet HTML 15Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
Data Sheet Rev. F, February 10, 2025 | Subject to change without notice
11 of 43
www.qorvo.com
© 202 Qorvo US, Inc. All rights reserved.
ACT43750
RF POL Drain-Switch Driver / Gate-bias Regulator
®
Parameter
Conditions
Min
Typ
Max
Units
Logic I/O
VOL(PG),VOL(XINT)
PG, XINT Output Voltage
1 mA Current into the device from the PG, XINT
pin
0.4
V
VIT+(SYNC)
SYNC Input Threshold
VSYNC rising edge detection
1.425
1.5
1.575
V
VHYS(SYNC)
SYNC Input Hysteresis
VSYNC falling edge detection
-0.1
V
VIT+
ENCAL, ENG, ENTX, PG
Input Threshold
Rising edge for HLOGIC
1.25
V
VIT-
ENCAL, ENG, ENTX, PG
Input Threshold
Falling edge for HLOGIC
0.55
V
Signal Pin I/O
VIT-(NTC)
NTC Input Threshold
Falling to detect over temp, ratio to VV5
28%*VV5 30%*VV5 32%*VV5
V
VIT+(NTC)
NTC Input Threshold
Rising to recover, hysteresis
0.1
V
VIT+(CSCAL)
CSCAL Comparator Threshold
Voltage
IDQAdj[5:0]=0x00h, (V50-VCSCAL), TA = 25
oC
-1%
1.5
+1%
V
IDQAdj[5:0]=0x00h, (V50-VCSCAL)
-2%
1.5
+2%
V
ΔV
CSCAL
CSCAL Threshold
Programming Resolution
15
mV/Step
NCSCAL
CSCAL Threshold
Programming Steps
-31
+31
Steps
VDIS(V50)
V50 Discharge Detection
Threshold
(V50
– V
CSCAL)
0.4
V
VIT+(CSPA)
CSPA Input Threshold
Rising to detect PA drain over current
30
35
40
mV
VHYS(CSPA)
CSPA input hysteresis
Falling to release
-20
mV
DSW50 Gate Drivers
RPU(HSGU)
HSGU High-side Driver Pull-
up Output Resistance
2
4
Ω
RPD(HSGD)
HSGD High-side Driver Pull-
down Output Resistance
1
2
Ω
RPU(LSGU)
LSGU Low-side Driver Pull-up
Output Resistance
2
4
Ω
RPD(LSGD)
LSGD Low-side Driver Pull-
down Output Resistance
1
2
Ω
REGG Regulator System
VG/VGREF
GREF to VG Conversion Ratio
(ratio of the gate voltage to the
floating reference voltage)
(VG – VPGND) / (VGREF – VG) gain of REGG as VG
floating circuit. VG is referenced to PGND and
VGREF is referenced to VG.
-2
VG
VG Feedback Voltage
Accuracy
-1%
+1%
V
VIT-(PG)
PG Detection Threshold
Ratio of (VG – VPGND) / (VGREF – VG)
89.5
92
%
VHYS(PG)
PG Detection Hysteresis
0.8
%
IOCP
REGG Over Current
Protection
1
A
VIT-(OVP)
VG Over Voltage Protection
Ratio of (VG – VPGND) / (VGREF – VG)
106.5
109.5
%
VIT+(UVP)
VG Under Voltage Protection
Ratio of (VG – VPGND) / (VGREF – VG)
89
91
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com