Electronic Components Datasheet Search
  English  ▼

X  

ACT43750 Datasheet(PDF) 14 Page - Qorvo, Inc

Part # ACT43750
Description  RF POL Drain-Switch Driver / Gate-bias Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT43750 Datasheet(HTML) 14 Page - Qorvo, Inc

Back Button ACT43750 Datasheet HTML 10Page - Qorvo, Inc ACT43750 Datasheet HTML 11Page - Qorvo, Inc ACT43750 Datasheet HTML 12Page - Qorvo, Inc ACT43750 Datasheet HTML 13Page - Qorvo, Inc ACT43750 Datasheet HTML 14Page - Qorvo, Inc ACT43750 Datasheet HTML 15Page - Qorvo, Inc ACT43750 Datasheet HTML 16Page - Qorvo, Inc ACT43750 Datasheet HTML 17Page - Qorvo, Inc ACT43750 Datasheet HTML 18Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
Data Sheet Rev. F, February 10, 2025 | Subject to change without notice
14 of 43
www.qorvo.com
© 202 Qorvo US, Inc. All rights reserved.
ACT43750
RF POL Drain-Switch Driver / Gate-bias Regulator
®
VD = V50 = 50V, V12 = 12V, VG = ‒2.5V, VBT50 = 55.2V, VSCL = VSDA = VENCAL = VENG = VENTX = VSCL50 = VSDA50 = VNTC = 5V, VREFIN =
0V, TA = ‒40 to +125 °C, unless otherwise specified
Note 1:Specified as a device internal logic delay, not an actual dead time at the VD pin
REGG Regulator System
fsw(MIN)
REGG Minimum Switching
Frequency
RRT = 215kΩ
-5%
1080
+5%
kHz
fsw(MAX)
REGG Maximum Switching
Frequency
RRT = 115kΩ
-10%
2050
+10%
kHz
fSPSP
REGG Spread-Spectrum
Dithering Range
+/-7
%
NSPSP
REGG Spread-Spectrum Cycle
64
cycle
tMIN(GSW)
GSW Output Pulse, MIN
50
ns
tMAX(GSW)
GSW Output Pulse, Max
50% x
(1/fSW)
tH(GREF)
GREF Holding Time
Operation change from IO(GREF) to RO(GREF)
5
ms
fC
Unity Gain Frequency/Loop
Bandwidth
10% fsw
Hz
PM
Phase Margin
45o
Gain
100 Hz Gain
60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com