Electronic Components Datasheet Search
  English  ▼

X  

ACT43750 Datasheet(PDF) 5 Page - Qorvo, Inc

Part # ACT43750
Description  RF POL Drain-Switch Driver / Gate-bias Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT43750 Datasheet(HTML) 5 Page - Qorvo, Inc

  ACT43750 Datasheet HTML 1Page - Qorvo, Inc ACT43750 Datasheet HTML 2Page - Qorvo, Inc ACT43750 Datasheet HTML 3Page - Qorvo, Inc ACT43750 Datasheet HTML 4Page - Qorvo, Inc ACT43750 Datasheet HTML 5Page - Qorvo, Inc ACT43750 Datasheet HTML 6Page - Qorvo, Inc ACT43750 Datasheet HTML 7Page - Qorvo, Inc ACT43750 Datasheet HTML 8Page - Qorvo, Inc ACT43750 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
Data Sheet Rev. F, February 10, 2025 | Subject to change without notice
5 of 43
www.qorvo.com
© 202 Qorvo US, Inc. All rights reserved.
ACT43750
RF POL Drain-Switch Driver / Gate-bias Regulator
®
PIN CONFIGURATION
(pin removed)
V50 1
PGND 2
AGND 3
XINT 4
V5 5
SDA 6
25 LSR
24 V12
23 GSW
PGND
Exposed
PAD
22 VG
21 COMP
27 LSGD
26 LSGU
28 PGND
SCL50 8
SDA50 9
20 GREF
29 CPL
SCL 7
Figure 3: Pin Configuration – Top View – 37 pin QFN, 5 mm x 5mm, 0.4 mm pitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com