Electronic Components Datasheet Search
  English  ▼

X  

ACT43750 Datasheet(PDF) 36 Page - Qorvo, Inc

Part # ACT43750
Description  RF POL Drain-Switch Driver / Gate-bias Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT43750 Datasheet(HTML) 36 Page - Qorvo, Inc

Back Button ACT43750 Datasheet HTML 32Page - Qorvo, Inc ACT43750 Datasheet HTML 33Page - Qorvo, Inc ACT43750 Datasheet HTML 34Page - Qorvo, Inc ACT43750 Datasheet HTML 35Page - Qorvo, Inc ACT43750 Datasheet HTML 36Page - Qorvo, Inc ACT43750 Datasheet HTML 37Page - Qorvo, Inc ACT43750 Datasheet HTML 38Page - Qorvo, Inc ACT43750 Datasheet HTML 39Page - Qorvo, Inc ACT43750 Datasheet HTML 40Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
Data Sheet Rev. F, February 10, 2025 | Subject to change without notice
36 of 43
www.qorvo.com
© 202 Qorvo US, Inc. All rights reserved.
ACT43750
RF POL Drain-Switch Driver / Gate-bias Regulator
®
Rsf , Csf and CSPA
The Rsf resistor, CSf and CSPA capacitors form a RC filter
for the IDRAIN current sensing.
RSPA
TRHS
CSPA
Rsf
CSPA
V50
VD
CSf
Figure 10. RC Filter for Drain Current Sense
Rsf
is 51Ω resistor, Csf and CSPA are 0.1µF ceramic ca-
pacitors.
Typical Startup Procedure
The typical startup procedure is outlined below.
1.
The ENTX, ENCAL, and ENG digital input sig-
nals must be actively terminated low. The most
common system level startup errors occur
when these signals are not actively terminated
low.
2.
The RT, NTC, and CONF resistors must be
populated with the correct values for the de-
sired operation.
3.
Apply the V12 bias voltage and the V50 drain
voltage. These can be applied in any order.
4.
Enable the gate voltage by driving the ENG pin
high. The user can also enable REGG via I2C
by writing a 1 into register 0x08h [7], the
EN_REGG bit. If using the Qorvo GUI, click the
Enable Vgate button. This enables the negative
gate voltage and programs it to the most nega-
tive value as defined by register 15.
5.
Momentarily drive the ENCAL pin high to initi-
ate a calibration routine to bias the RF PA with
the correct gate voltage to achieve the desired
Idq current. ENCAL must be pulled low before
moving to the next step. The user can also en-
able calibration via I2C by writing a 1 into 0x08h
[3], the RunCal bit. If using the Qorvo GUI, click
the Autocalibration button. Note that excessive
RF PA drain capacitance can result in a large
inrush current that creates an overcurrent con-
dition when main power FET turns on to apply
the drain voltage to the RF PA. Refer to App
Note 5 in the
user’s guide for details and limita-
tions on the RF PA drain capacitance.
6.
For systems with drain switching, drive the
ENTX pin high and low with the desired fre-
quency and duty cycle. For systems that oper-
ate with a continuous drain voltage, simply
drive ENTX high. If using the Qorvo GUI, click
the Enable Vdrain button.
7.
If a calibration routine is needed at any time
during operation, pull ENTX low or disable the
drain voltage via I2C. Then enable the calibra-
tion routing by toggling the ENCAL pin high.
The user can also enable a recalibration routine
via I2C by writing a 1 into 0x08h [3], the RunCal
bit. If using the Qorvo GUI, click the Autocali-
bration button. Then enable the drain voltage
again with ENTX or via I2C.
Note that it’s possi-
ble to perform a recalibration in between trans-
mission pulses if the off-time is longer than the
calibration time.
Typical Turnoff Procedure
The typical turnoff procedure is outlined below.
1.
Turn off the drain switch by pulling the ENTX
pin to a low logic level. For continuous opera-
tion, the drain switch can be disabled via I2C by
clicking Disable Vdrain in GUI.
2.
Adjust the gate voltage to the minimum pro-
grammed voltage defined by register 15. This
puts the RF PA in pinchoff and turns off the
GaN FET.
3.
Power off the drain power supply.
4.
After the drain voltage decays to less than 10V,
turn off the 12V bias power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com