Electronic Components Datasheet Search
  English  ▼

X  

ACT43750 Datasheet(PDF) 12 Page - Qorvo, Inc

Part # ACT43750
Description  RF POL Drain-Switch Driver / Gate-bias Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT43750 Datasheet(HTML) 12 Page - Qorvo, Inc

Back Button ACT43750 Datasheet HTML 8Page - Qorvo, Inc ACT43750 Datasheet HTML 9Page - Qorvo, Inc ACT43750 Datasheet HTML 10Page - Qorvo, Inc ACT43750 Datasheet HTML 11Page - Qorvo, Inc ACT43750 Datasheet HTML 12Page - Qorvo, Inc ACT43750 Datasheet HTML 13Page - Qorvo, Inc ACT43750 Datasheet HTML 14Page - Qorvo, Inc ACT43750 Datasheet HTML 15Page - Qorvo, Inc ACT43750 Datasheet HTML 16Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
Data Sheet Rev. F, February 10, 2025 | Subject to change without notice
12 of 43
www.qorvo.com
© 202 Qorvo US, Inc. All rights reserved.
ACT43750
RF POL Drain-Switch Driver / Gate-bias Regulator
®
Note 1, Operating below the minimum pulse width moves the IC to the Error Bias State. To return to normal operation, turn off the drain supply
voltage and bias voltage, then power up normally.
Parameter
Conditions
Min
Typ
Max
Units
Clock System
fSYNC
SYNC Clock Input Frequency
Range
Difference from the target set by RRT
-20
+20
%
DSYNC
SYNC Clock Input Pulse Duty
Cycle
40
60
%
I2C Slave for MCUs/Controllers
fSCL
SCL Clock Frequency
(no internal time out)
0
1000
kHZ
tLOW(SCL)
SCL Pulse Width, Low
0.5
µs
tHIGH(SCL)
SCL Pulse Width, High
0.26
µs
tSU(SDA)
SDA Set-up Time
50
ns
tH(SDA)
SDA Hold Time
0
ns
tFALL(SDA)
SDA Fall Time
SDA pull-up to 5V source via 10k
Ω
120
ns
tSU(START)
I2C START Set-up Time
260
ns
tSU(STOP)
I2C STOP Set-up Time
260
ns
I2C Master for ACT43850 and external I2C Memory
tFALL(SDA50)
SDA50 Fall Time
Slave devices (ACT43850 and external
I2C memory) driving SDA50
120
ns
Logic I/F
tL(Logic) (Note 1)
ENCAL, ENG, ENTX, PG
Pulse Width, Low
Minimum pulse width
40
µs
tH(ENTX) (Note 1)
ENTX Pulse Width, High
Minimum pulse width
12
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com