Electronic Components Datasheet Search
  English  ▼

X  

ACT43750 Datasheet(PDF) 9 Page - Qorvo, Inc

Part # ACT43750
Description  RF POL Drain-Switch Driver / Gate-bias Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT43750 Datasheet(HTML) 9 Page - Qorvo, Inc

Back Button ACT43750 Datasheet HTML 5Page - Qorvo, Inc ACT43750 Datasheet HTML 6Page - Qorvo, Inc ACT43750 Datasheet HTML 7Page - Qorvo, Inc ACT43750 Datasheet HTML 8Page - Qorvo, Inc ACT43750 Datasheet HTML 9Page - Qorvo, Inc ACT43750 Datasheet HTML 10Page - Qorvo, Inc ACT43750 Datasheet HTML 11Page - Qorvo, Inc ACT43750 Datasheet HTML 12Page - Qorvo, Inc ACT43750 Datasheet HTML 13Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
Data Sheet Rev. F, February 10, 2025 | Subject to change without notice
9 of 43
www.qorvo.com
© 202 Qorvo US, Inc. All rights reserved.
ACT43750
RF POL Drain-Switch Driver / Gate-bias Regulator
®
ELECTRICAL SPECIFICATIONS
VD = V50 = 50V, V12 = 12V, VG = ‒2.5V, VBT50 = 55.2V, VSCL = VSDA = VENCAL = VENG = VENTX = VSCL50 = VSDA50 = VNTC = 5V, VREFIN =
0V, TA = ‒40 to +125 °C, unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Supply Rails, System Main
IQ(V12)
V12 Standby Current
VSDA=VSCL=VENTX=VENCAL=VENG=0V
1.5
mA
II(V12)
V12 Consumption Current
4
mA
VIT+(OV12)
V12 Input Over Voltage
14
V
VIT-(UV12)
V12 Input Under Voltage
10
V
II(V50,H)
V50 Consumption Current
VD = 50V
200
µA
II(V50,L)
V50 Consumption Current
VD = 0V
200
µA
VIT+(OV50)
V50 Input Over Voltage
65
V
VIT+(UV50)
V50 Input Under Voltage
10
V
TSD
Thermal Shutdown
TJ, die temperature rising to disable
160
oC
TSD(OFF)
Thermal Shutdown Release
TJ, die temperature falling to enable
145
oC
TWARN
Thermal Warning
TJ, die temperature warning
140
oC
REFERENCE SYSTEM
V5
V5 Bias Regulator Output
Voltage
IO(V5) = 0 to 20 mA
4.85
5
5.15
V
RPD(REFIN)
REFIN Input Pull-down
Resistance
REFIN to AGND
100
k
Ω
VGREF/VREFIN
REFIN to GREF Conversion
Ratio (ratio of the floating
reference voltage to the
external reference voltage)
(VGREF - VG)/(VREFIN – VAGND), external reference
level-shift gain
+1
Δ(V
GREF/VREFIN)
REFIN to GREF Conversion
Ratio
(VGREF - VG)/(VREFIN – VAGND),
VREFIN = 0.75 V and 3.0 V
99%
101%
VGREF/VDACG
VDACG to GREF Conversion
Ratio (ratio of the floating
reference voltage to the DAC
voltage)
(VGREF - VG)/(VDACG – VAGND), internal DAC level-
shift gain
+1
VREFIN(MAX)
REFIN Window-comparator
Threshold
High-side valid input window
3.0
V
VREFIN(MIN)
REFIN Window-comparator
Threshold
Low-side valid input window,
Below device-internal DACG value
VDACG
VGREF, DAC 100%
DACG Reference Accuracy
Monitor VGREF VG w.r.t. DACG[12:0] = 0x1FFFh
2.925
3.00
3.075
V
VGREF, DAC25%
DACG Reference Accuracy
Monitor VGREF VG w.r.t. DACG[12:0] = 0x0400h
0.735
0.75
0.765
V
Δ
VGREF, DAC
DACG Reference Accuracy
VGREF difference DACG[12:0] code from “N-1” to
“N”
0
+ 366
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com