Electronic Components Datasheet Search
  English  ▼

X  

ACT43750 Datasheet(PDF) 37 Page - Qorvo, Inc

Part # ACT43750
Description  RF POL Drain-Switch Driver / Gate-bias Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT43750 Datasheet(HTML) 37 Page - Qorvo, Inc

Back Button ACT43750 Datasheet HTML 33Page - Qorvo, Inc ACT43750 Datasheet HTML 34Page - Qorvo, Inc ACT43750 Datasheet HTML 35Page - Qorvo, Inc ACT43750 Datasheet HTML 36Page - Qorvo, Inc ACT43750 Datasheet HTML 37Page - Qorvo, Inc ACT43750 Datasheet HTML 38Page - Qorvo, Inc ACT43750 Datasheet HTML 39Page - Qorvo, Inc ACT43750 Datasheet HTML 40Page - Qorvo, Inc ACT43750 Datasheet HTML 41Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
Data Sheet Rev. F, February 10, 2025 | Subject to change without notice
37 of 43
www.qorvo.com
© 202 Qorvo US, Inc. All rights reserved.
ACT43750
RF POL Drain-Switch Driver / Gate-bias Regulator
®
TYPICAL OPERATIONAL CHRACTERISTICS
2V / div
10ms / div
Gate Voltage Start Up
VGSW
Vgate
10V / div
5V / div
VENG
2V / div
2ms / div
Gate Voltage Shut Down
VGSW
Vgate
10V / div
5V / div
VENG
20mV /
div
400ns / div
Gate Ripple Voltage w/no Load
VGSW
Vgate
10V / div
20mV / div
400ns / div
Gate Ripple Voltage w/300mA Load
VGSW
Vgate
10V / div
2V / div
80us / div
Transmit w/Resistive Load
ENTX
Vgate
5V / div
5A / div
Idrain
Vdrain
20V / div
2V / div
20ns / div
Transmit w/Rising Edge
ENTX
Vgate
5V / div
5A / div
Idrain
Vdrain
20V /
div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com