Electronic Components Datasheet Search
  English  ▼

X  

ACT43750 Datasheet(PDF) 29 Page - Qorvo, Inc

Part # ACT43750
Description  RF POL Drain-Switch Driver / Gate-bias Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT43750 Datasheet(HTML) 29 Page - Qorvo, Inc

Back Button ACT43750 Datasheet HTML 25Page - Qorvo, Inc ACT43750 Datasheet HTML 26Page - Qorvo, Inc ACT43750 Datasheet HTML 27Page - Qorvo, Inc ACT43750 Datasheet HTML 28Page - Qorvo, Inc ACT43750 Datasheet HTML 29Page - Qorvo, Inc ACT43750 Datasheet HTML 30Page - Qorvo, Inc ACT43750 Datasheet HTML 31Page - Qorvo, Inc ACT43750 Datasheet HTML 32Page - Qorvo, Inc ACT43750 Datasheet HTML 33Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
Data Sheet Rev. F, February 10, 2025 | Subject to change without notice
29 of 43
www.qorvo.com
© 202 Qorvo US, Inc. All rights reserved.
ACT43750
RF POL Drain-Switch Driver / Gate-bias Regulator
®
REGG Enable Input Logic external
The ACT43750 provides two methods to turn the REGG
block ON and OFF.
Hardware Enable Pin. Enable the REGG block by ap-
plying a logic H to the ENG pin (enable gate). Disable
REGG by applying a logic low to ENG.
I2C Slave Bus. Enable the REGG block by writing a 1
into the EN_REGG bit in register 0x08h [7]. Disable
REGG by writing a 1 into the DIS_REGG bit in register
0x08h [6].
Note that the EN_REGG and DIS_REGG bits are auto-
matically cleared after the I2C write. Reading these two
bits always returns a 0.
The IC uses the logic OR of the ENG pin and the I2C
registers to enable the IC. Pulling the ENG pin high or
writing 1 to EN_REGG enables the REGG block. Pull-
ing the ENG pin low disables the REGG block. Writing
a 1 into DIS_REGG disables the REGG block, even if
ENG is high.
REGG Soft start
The REGG soft start is controlled by the CGREF capacitor
on the GREF pin by applying a constant current output
to this capacitor at startup. The soft start time can be
increased or decreased by adjusting the CGREF capaci-
tor value or by adjusting the constant current output.
The constant current output is controlled to 5µA, 10µA,
100µA, or 200µA by the IchgGREF bits in register
0x0Eh. Reducing the soft start time requires higher out-
put current and a higher peak current in the gate drive
supply inductor. Qorvo recommends keeping the gate
current below 500mA during softstart.
Idq Bias Point Calibration
The ACT43750 provides a calibration routine that cali-
brates the proper RF PA gate voltage bias point. The
calibration routine operates in the RSCAL State. The
typical RF PA datasheet provides an Idq value that de-
fines the proper drain current with no RF applied. This
drain current is achieved by properly controlling the RF
PA gate voltage. The ACT43750 autocalibration routine
sweeps the negative gate voltage while measuring Idq.
When the RF PA sinks the proper Idq, the IC saves the
resulting gate voltage in registers 0x06h and 0x07h and
uses that value to bias the RF PA.
The bias point calibration routine utilizes a dedicated
FET and current sense resistor that is sized for the re-
quired Idq current. When the routine is enabled, the IC
turns off the main drain FET, TRHS. The actual autocali-
bration routine depends on the previous state of the
system. The following equation calculates the correct
calibration resistor value to bias the RF PA to the cor-
rect Idq.
������������������������������ =
1.5������
������������������
(2)
Where:
Idq
– RFPA dc bias current, unit A
Rscal-
Calibration resistor, unit Ω
Initial Calibration Routine. For the first calibration rou-
tine after power up, the IC sets the DACG voltage to the
value defined by DACGMAX, which sets the gate volt-
age, VG, to the farthest negative value. This ensures
that the RF PA is in pinch-off when the drain voltage is
applied. At this time, no current flows through the FET
or current sense resistor. It then turns on the smaller
calibration FET, TRSMALL, and starts sweeping the DACG
voltage lower, which makes the VG gate voltage go
higher (more positive). Note that gate voltage is nega-
tive two times the DAC voltage. This starts increasing
the Idq to the desired setpoint. The IC decreases DACG
voltage one step at a time with the delay time between
steps set by the DACG Servo settings. When the cor-
rect Idq current is reached, the REGG voltage is held
constant and the corresponding DACG value is saved
in registers 0x06h and 0x07h. The IC automatically
moves to the TX Ready State.
The ACT43750 measures the Idq current by sensing the
voltage across the current sense calibration resistor,
RSCAL. It compares this voltage to a 1.5V internal refer-
ence threshold, VIT+(CSCAL). Note that the current sense
voltage is measured between the V50 and CSCAL pins.
Qorvo recommends connecting a
20kΩ Rcal resistor
between CSCAL and the TRSMALL FET. Connect a
100nF filter capacitor across RSCAL and the filter capac-
itor as shown in Figure 8.
The calibration routine can be started by either applying
a logic H to the ENCAL pin or by writing a 1 into the
RunCal bit in register 0x08h [3]. The RunCal bit is auto-
matically cleared back to a 0 when the calibration rou-
tine starts. The typical auto calibration time is approxi-
mately 30ms. This can be increased or decreased by
changing the starting gate voltage and by adjusting
DAC servo speed control. The actual calibration time
depends on the bias voltage starting point and the
DACG digital servo speed control. Register 0x10h pro-
grams DACG voltage transition time, which will make
the calibration time shorter or longer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com