Electronic Components Datasheet Search
  English  ▼

X  

ACT43750 Datasheet(PDF) 32 Page - Qorvo, Inc

Part # ACT43750
Description  RF POL Drain-Switch Driver / Gate-bias Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT43750 Datasheet(HTML) 32 Page - Qorvo, Inc

Back Button ACT43750 Datasheet HTML 28Page - Qorvo, Inc ACT43750 Datasheet HTML 29Page - Qorvo, Inc ACT43750 Datasheet HTML 30Page - Qorvo, Inc ACT43750 Datasheet HTML 31Page - Qorvo, Inc ACT43750 Datasheet HTML 32Page - Qorvo, Inc ACT43750 Datasheet HTML 33Page - Qorvo, Inc ACT43750 Datasheet HTML 34Page - Qorvo, Inc ACT43750 Datasheet HTML 35Page - Qorvo, Inc ACT43750 Datasheet HTML 36Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
Data Sheet Rev. F, February 10, 2025 | Subject to change without notice
32 of 43
www.qorvo.com
© 202 Qorvo US, Inc. All rights reserved.
ACT43750
RF POL Drain-Switch Driver / Gate-bias Regulator
®
Internal Clock Generator
The ACT43750 contains an internal clock generator
block for the REGG switching converter. This oscillator
can operate stand-alone, or it can be synchronized to
or from an external clock. This allows the system to syn-
chronize the REGG switching frequency to an external
oscillator.
Internal Clock Oscillator
When bit 0x11h [6] = 0, the clock generator uses its in-
ternal oscillator. This oscillator generates its switching
frequency based on a resistor value connected to the
RT pin. The target switching frequency fSW follows
equation (3). Table 8 provides some example values.
������������������(MHz) =
221
������������0.982(������Ω)
(3)
Table 8. Resistor value vs. Switching Frequency
RT Value (k
Ω)
Switching Frequency of REGG
(KHZ)
< 111
(error)
115
2043
125
1880
136
1728
150
1567
167
1407
188
1250
215
1093
> 231
(error)
When bit 0x11h [5] = 1, the IC shares this clock signal
with other regulator devices by sending it out from the
SYNC pin.
When 0x11h [5] bit = 0, the IC does not share the clock,
and operates in stand-alone operation.
Spread-spectrum.
When using the internal oscillator, this oscillator block
can enable/disable a spread-spectrum function. When
register 0x10h [3] = 1, the device enables the spread
spectrum. When 0x10h [3] = 0, the device disables the
spread spectrum, and the output clock is fixed / steady.
The spread-spectrum function modulates, or dithers,
the internal clock frequency. The switching frequency
varies +/-
7% from the oscillator’s programmed fre-
quency, and repeats the dithering every 64 cycles.
External Clock Synchronization
When register 0x11h [6] = 1, the clock generator syn-
chronizes to an external clock input at the SYNC pin.
When 0x11h [4] = 0, the internal clock is synchronized
to the rising edge of the SYNC pin, and when it =
1, it’s
synchronized to the falling edge. When the SYNC pin is
configured as a slave input, the external frequency can
be divided down to switch at a slower frequency. The
fSYNC bits in 0x0Eh [7:5] can divide the SYNC frequency
down by a factor of 1 to 8.
Operation Frequency Selection / RRT
When using the Internal Clock Oscillator, equation 3
calculates the correct RT resistor value. This resistor
value is read by the IC at startup. It uses the value to
optimize internal settings such as compensation, pro-
tection settings, etc. The RT resistor must be used even
if the IC is configured as a slave. The RT value must be
chosen so that equation 3 calculates a switching fre-
quency that is within +/- 20% of the actual SYNC input
frequency.
If RT is not detected at startup, the IC logs an RT fault
error in 0x00h [6:5]. The RT value cannot be changed
after startup.
When using an external clock at the SYNC pin, dynamic
changes of the external input clock, for example, exter-
nal spread-spectrum, is only supported for the range of
±20% from the target switching frequency set by RT.
When using the IC in slave operation, the user should
choose one of the seven RT values in Table 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com