Electronic Components Datasheet Search
  English  ▼

X  

ACT4910 Datasheet(PDF) 6 Page - Qorvo, Inc

Part # ACT4910
Description  Power Loss Protection with 6A eFuse
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4910 Datasheet(HTML) 6 Page - Qorvo, Inc

Back Button ACT4910 Datasheet HTML 2Page - Qorvo, Inc ACT4910 Datasheet HTML 3Page - Qorvo, Inc ACT4910 Datasheet HTML 4Page - Qorvo, Inc ACT4910 Datasheet HTML 5Page - Qorvo, Inc ACT4910 Datasheet HTML 6Page - Qorvo, Inc ACT4910 Datasheet HTML 7Page - Qorvo, Inc ACT4910 Datasheet HTML 8Page - Qorvo, Inc ACT4910 Datasheet HTML 9Page - Qorvo, Inc ACT4910 Datasheet HTML 10Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Data Sheet Rev. E August 2021 | Subject to change without notice
6 of 37
www.qorvo.com
ACT4910
Power Loss Protection with 6A eFuse
®
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
UNIT
FB, SS, ISET, REF, SDA, SCL, EN, BSET, nIRQ to VSS
-0.3 to 6
V
VIN, VOUT to PGND (ACT4910)
-0.3 to 24
V
HSB to SW
-0.3 to 6
V
SW to PGND
-0.3 to STR+ 0.3
V
PLI to VSS
-0.3 to 24
V
STR to PGND
-0.3 to 40
V
VSS to PGND
-0.3 to + 0.3
V
ESD Rating (human body model), all pins
2
kV
MSL Rating
MSL3
Junction to Ambient Thermal Resistance, dependent on board layout
16.8
°C /W
Operating Ambient Temperature Range (TA)
-40 to 105
°C
Operating Junction Temperature (TJ), (note 1)
-40 to 125
°C
Storage Temperature
-40 to 150
°C
Lead Temperature (Soldering 10s)
300
°C
Note1: Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may affect device
reliability.
Note2: Measured on Qorvo Evaluation Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com