Electronic Components Datasheet Search
  English  ▼

X  

ACT4910 Datasheet(PDF) 33 Page - Qorvo, Inc

Part # ACT4910
Description  Power Loss Protection with 6A eFuse
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4910 Datasheet(HTML) 33 Page - Qorvo, Inc

Back Button ACT4910 Datasheet HTML 29Page - Qorvo, Inc ACT4910 Datasheet HTML 30Page - Qorvo, Inc ACT4910 Datasheet HTML 31Page - Qorvo, Inc ACT4910 Datasheet HTML 32Page - Qorvo, Inc ACT4910 Datasheet HTML 33Page - Qorvo, Inc ACT4910 Datasheet HTML 34Page - Qorvo, Inc ACT4910 Datasheet HTML 35Page - Qorvo, Inc ACT4910 Datasheet HTML 36Page - Qorvo, Inc ACT4910 Datasheet HTML 37Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
Data Sheet Rev. E August 2021 | Subject to change without notice
33 of 37
www.qorvo.com
ACT4910
Power Loss Protection with 6A eFuse
®
CMI 123: ACT4910QW123
CMI 123 is designed for standard 12V applications. CMI 123 default settings are appropriate for most typical applications.
It uses a 250mA boost current limit setting to minimize input currents during system level turn on. It provides the 900kHz
buck switching frequency to compromise size and efficiency. The default storage voltage is 27V for compatibility with
80% derated 35V capacitors. Placing a resistor between BSET and VSS can program the default storage voltage to a
lower value. The table below shows the default register settings.
CMI 123 Default Register Settings
Function
Value
Register
Register Settings
PLI Pin Function
PLI & VOUT OK
0x19h
PLI_FUNC_SEL[1:0] = 11
Health Monitor Time
32ms
0x1Fh
HMON_TSET[3:0] = 0100
Health Monitor Threshold
95%
0x20h
HMON_THR[3:0] = 0000
Enable Overvoltage Reference
0.92V
0x20h
EN_OV_REF[2:0] = 010
Startup Delay
0ms
0x20h
EN_STARTDELAY = 0
Latch Supplement Mode
Yes
0x21h
EN_LATCH_SPLMNT = 1
Boost Current Limit
250mA
0x21h
BST_CLIM[1:0] = 00
Boost Voltage
27V
0x21h
BST_VSET[4:0] = 10110
Buck Peak Current Limit
5A
0x26h
BK_CLIM[1:0] = 00
Buck Switching Frequency
900kHz
0x28h
BK_FREQ[2:0] = 110
I2C Address
The CMI 123 7-bit I2C address is 0x5Ah. This results in 0xB4h for a write address and 0xB5h for a read address.
Device ID
The CMI 123 Device ID (register 0x3Bh) = 0x04h. This can be used to distinguish between different CMI versions.
Autonomous ADC Supervisory Function
The autonomous ADC supervisory function is disabled by default. All undervoltage register value are set to 0x00h and
all overvoltage register values are set to 0xFFh.
Health Check
The health check function is disabled by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com