Electronic Components Datasheet Search
  English  ▼

X  

ACT4910 Datasheet(PDF) 26 Page - Qorvo, Inc

Part # ACT4910
Description  Power Loss Protection with 6A eFuse
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4910 Datasheet(HTML) 26 Page - Qorvo, Inc

Back Button ACT4910 Datasheet HTML 22Page - Qorvo, Inc ACT4910 Datasheet HTML 23Page - Qorvo, Inc ACT4910 Datasheet HTML 24Page - Qorvo, Inc ACT4910 Datasheet HTML 25Page - Qorvo, Inc ACT4910 Datasheet HTML 26Page - Qorvo, Inc ACT4910 Datasheet HTML 27Page - Qorvo, Inc ACT4910 Datasheet HTML 28Page - Qorvo, Inc ACT4910 Datasheet HTML 29Page - Qorvo, Inc ACT4910 Datasheet HTML 30Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Data Sheet Rev. E August 2021 | Subject to change without notice
26 of 37
www.qorvo.com
ACT4910
Power Loss Protection with 6A eFuse
®
PC BOARD LAYOUT GUIDANCE
Proper parts placement and PCB layout are critical to
the operation of switching power supplies. Follow the
following
layout
guidelines
when
designing
the
ACT4910 PCB. Refer to the Qorvo ACT4910 Evaluation
Kits for layout examples
1.
Place the buck input capacitors as close as
possible to the IC. Connect the input capacitors
directly between STR and PGND pins on the
top layer. Routing these traces on the top layer
eliminates the need for vias.
2.
Minimize the switch node trace length between
the SW pin and the inductor. Optimal switch
node routing is to run the trace between the in-
put capacitor’s pads. Using 1206 or larger sized
input capacitors is recommended. Avoid routing
sensitive analog signals near these high fre-
quency, high dV/dt traces.
3.
The Buck output capacitors should be placed
by the inductor and connected directly to the in-
ductor and ground plane with short and wide
traces. The output capacitor ground should
make a short connection to the input capacitor
ground. If required, use multiple vias.
4.
The FB pin should be Kelvin connected to the
output capacitor through the shortest possible
route, while keeping sufficient distance from
switching node to prevent noise injection. The
IC regulates the output voltage to this Kelvin
connection.
5.
Connect the PGND and VSS ground pins must
be electrically connected together. The VSS
ground plane should be isolated from the rest
of the PCB power ground.
6.
Remember that all open drain outputs need
pull-up resistors.
7.
Connect the exposed pad directly to the top
layer ground plane. Connect the top layer
ground plane to both internal ground planes
and the PCB backside ground plane with ther-
mal vias. Provide ground plane routing on mul-
tiple layers to allow the IC’s heat to flow into the
PCB and then spread radially from the IC. Avoid
cutting the ground planes or adding vias that re-
strict the radial flow of heat.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com