Electronic Components Datasheet Search
  English  ▼

X  

ACT4910 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # ACT4910
Description  Power Loss Protection with 6A eFuse
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4910 Datasheet(HTML) 3 Page - Qorvo, Inc

  ACT4910 Datasheet HTML 1Page - Qorvo, Inc ACT4910 Datasheet HTML 2Page - Qorvo, Inc ACT4910 Datasheet HTML 3Page - Qorvo, Inc ACT4910 Datasheet HTML 4Page - Qorvo, Inc ACT4910 Datasheet HTML 5Page - Qorvo, Inc ACT4910 Datasheet HTML 6Page - Qorvo, Inc ACT4910 Datasheet HTML 7Page - Qorvo, Inc ACT4910 Datasheet HTML 8Page - Qorvo, Inc ACT4910 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Data Sheet Rev. E August 2021 | Subject to change without notice
3 of 37
www.qorvo.com
ACT4910
Power Loss Protection with 6A eFuse
®
ORDERING INFORMATION
PART NUMBER
Input Voltage
Storage Voltage
Fsw
PLI Function
7 Bit I2C
Address
PACKAGE
ACT4910QW121-T
12V
28V
1130kHz
PLI & VOUT OK
0x5Ah
FCQFN5x5-28
ACT4910QW122-T
12V
36V
900kHz
PLI & VOUT OK
0x5Ah
FCQFN5x5-28
ACT4910QW123-T
12V
27V
900kHz
PLI & VOUT OK
0x5Ah
FCQFN5x5-28
ACT4910QW125-T
12V
28V
1130kHz
PLI & VOUT OK
0x5Ah
FCQFN5x5-28
ACT4910QW302-T
3.3V
27V
560kHz
PLI & VOUT OK
0x5Ah
FCQFN5x5-28
A CT491 0QWxx x-T
CMI Option
Pin Count
Package Code
Product Number
Tape and Reel
Note 1: Standard product options are identified in this table. Contact factory for custom options, minimum order quantity required.
Note 2: All Qorvo components are RoHS Compliant and with Pb-free plating unless specified differently. The term Pb-free means semiconductor
products that are in compliance with current RoHS (Restriction of Hazardous Substances) standards.
Note 3: Package Code designator “Q” represents QFN
Note 4: Pin Count designator “W” represents 28 pins
Note 5: Refer to the CMI Options section at the end of the DS for more information on each CMI version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com