Electronic Components Datasheet Search
  English  ▼

X  

ACT4910 Datasheet(PDF) 19 Page - Qorvo, Inc

Part # ACT4910
Description  Power Loss Protection with 6A eFuse
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4910 Datasheet(HTML) 19 Page - Qorvo, Inc

Back Button ACT4910 Datasheet HTML 15Page - Qorvo, Inc ACT4910 Datasheet HTML 16Page - Qorvo, Inc ACT4910 Datasheet HTML 17Page - Qorvo, Inc ACT4910 Datasheet HTML 18Page - Qorvo, Inc ACT4910 Datasheet HTML 19Page - Qorvo, Inc ACT4910 Datasheet HTML 20Page - Qorvo, Inc ACT4910 Datasheet HTML 21Page - Qorvo, Inc ACT4910 Datasheet HTML 22Page - Qorvo, Inc ACT4910 Datasheet HTML 23Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
Data Sheet Rev. E August 2021 | Subject to change without notice
19 of 37
www.qorvo.com
ACT4910
Power Loss Protection with 6A eFuse
®
EFUSE
General Description
The ACT4910 eFuse is an “electronic” fuse that
disconnects
the
input
from
the
output.
It
has
considerable
advantages
over
mechanical
fuses
because it has adjustable current thresholds and it
resets after the fault condition is gone. The eFuse
consists of two back-to-back MOSFETS to provide bi-
directional protection. This provides protection against
both input and output short circuit conditions by
preventing current flow in both directions. Hot swap
functionality is provided by the eFuse softstart function
and current limiting circuitry. This prevents large inrush
currents from pulling down the input voltage. The eFuse
also provides protection against high input voltage
transients up to 24V by opening when the input voltage
goes above the programmed threshold.
The eFuse turns off in the following conditions.
1.
EN voltage below UV threshold
2.
EN voltage above the OV threshold
3.
Input voltage above the OV threshold
4.
eFuse current above the OC threshold
5.
VIN – VOUT > 560mV
Current Limit Setting
A resistor connected between the ISET pin and VSS
program the ACT4910 eFuse inrush and maximum DC
current limits. The input current limit is linearly
proportional to the resistor value on the ISET pin. The
following equation calculates the correct resistor value
to get the desired current limit threshold.
������������������������������������������������������������=50000������������������������������������������������������������
(1)
Where RILIM is the current limit resistor in ohms and IILIM
is the desired current limit threshold in Amperes. Figure
5 shows the current limit setting vs RILIM value.
Figure 5: Current Limit Threshold vs RILIM
Note that the eFuse current can be measured using the
ILIM pin. If eFuse current is measured via the ILIM pin,
the measurement circuit must have a high impedance
input to minimize errors. The current flowing out of ILIM
is 1/50000 of the current through the eFuse. The
following equation calculates the eFuse current when
measured via the ILIM pin.
������������������������������������������������������������������������=������������������������������������������������������������×50000
������������������������������������������������������������
(2)
Where RILIM is the current limit resistor in ohms and VILIM
is the voltage on the ILIM pin in volts.
When the eFuse reaches the current limit threshold, it
clamps the output current. If the load tries to draw
additional current, the eFuse opens.
Soft-Start
The SS pin controls the eFuse start-up. The SS pin
drives a constant 5
μA internal current source into the
external soft-start capacitor to provide a linear ramping
voltage at the SS pin. The output voltage linearly ramps
with the SS pin voltage, resulting in a well-controlled
linear softstart ramp on VOUT, regardless of the load
conditions. The following equation calculates the
required soft-start capacitance.
������������������������������������(������������������������)=65������������������������������������(������������������������)
������������������������������������������������(������������)
(3)
Where the TSS is the soft-start time in ms and VOUT is the
output voltage.
0.000
2.000
4.000
6.000
8.000
10.000
12.000
14.000
0
10
20
30
40
50
60
RISET (kΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com