Electronic Components Datasheet Search
  English  ▼

X  

ACT4910 Datasheet(PDF) 21 Page - Qorvo, Inc

Part # ACT4910
Description  Power Loss Protection with 6A eFuse
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4910 Datasheet(HTML) 21 Page - Qorvo, Inc

Back Button ACT4910 Datasheet HTML 17Page - Qorvo, Inc ACT4910 Datasheet HTML 18Page - Qorvo, Inc ACT4910 Datasheet HTML 19Page - Qorvo, Inc ACT4910 Datasheet HTML 20Page - Qorvo, Inc ACT4910 Datasheet HTML 21Page - Qorvo, Inc ACT4910 Datasheet HTML 22Page - Qorvo, Inc ACT4910 Datasheet HTML 23Page - Qorvo, Inc ACT4910 Datasheet HTML 24Page - Qorvo, Inc ACT4910 Datasheet HTML 25Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Data Sheet Rev. E August 2021 | Subject to change without notice
21 of 37
www.qorvo.com
ACT4910
Power Loss Protection with 6A eFuse
®
Table 3: Buck Current Limit
BK_CLIM[1:0]
ILIMSET (A)
00
5.0
01
6.0
10
7.0
11
9.0
A short circuit condition that results in the peak switch
current being 122.5% of BK_CLIM immediately shuts
down the supply and asserts nIRQ low. A buck
overcurrent, undervoltage, or overvoltage condition
moves the IC into the UV/POR state.
Compensation
The
Buck
regulator
utilizes
type
2
external
compensation placed on the COMP pin. Contact the
factory for compensation details.
Input Capacitor Selection
The STR pin is the input voltage to the buck converter.
It requires a dedicated high quality, low-ESR, ceramic
input capacitor that is optimally placed to minimize the
power routing. For optimal PCB layout considerations,
1206 or 1210 sized input capacitors are recommended.
A 22uF capacitor is typically suitable, but the actual
value is application dependent. The input capacitor can
be increased without limit. Choose the input capacitor
value to keep the input voltage ripple less than 50mV
������������������������������������=������������������������������������������������×������������������������������������������������������������������������������������������������×�1−�������������������������������������������������������������������������������������������������
������������������������������������������������������������������������������������������������������������������������
(7)
Where Iout is the maximum eFuse load current in
Amperes, VSTR is the maximum storage voltage, FSW is
the switching frequency, and Vripple is the maximum
allowable ripple voltage on the input of the buck
converter. Note that the storage capacitor values should
not be considered when calculating the input voltage
ripple because they are not typically designed for high
frequency functionality.
Be sure to consider the input capacitor’s DC bias effects.
A capacitor’s actual capacitance is strongly affected by
its DC bias characteristics. The input capacitor is
typically an X5R, X7R, or similar dielectric. Use of Y5U,
Z5U, or similar dielectrics is not recommended. Input
capacitor placement is critical for proper operation. The
buck’s input capacitor must be placed as close to the IC
as possible. The traces from STR to the capacitor and
from the capacitor to PGND should as short and wide
as possible.
Inductor Selection
The Buck regulator utilizes current-mode control and a
proprietary
internal
compensation
scheme
to
simultaneously simplify external component selection
and optimize transient performance over their full
operating range. These ACT4910 is optimized for
operation with 1uH to 3.3uH inductors. Choose an
inductor with a low DC-resistance, and avoid inductor
saturation by choosing inductors with DC ratings that
exceed the maximum output current by at least 30%.
Due to the requirement for the buck converter to start
up as quickly as possible, the inductor should be
designed to give a maximum ripple current,
ΔIL, of 50%
to 60% of the maximum output current. The following
equation calculates the recommended inductor value.
������������=�1−�������������������������������������������������������������������������������������������������×������������������������������������������������
������������������������������������×∆������������������������
(8)
Where L is the inductor value in µH, VOUT is the output
voltage, VSTR is the maximum storage voltage, FSW is
the switching frequency in Hz, and
ΔIL is the desired
ripple current in Amperes.
Output Capacitor Selection
The buck converter is designed to take advantage of the
benefits of ceramic capacitors, namely small size and
very-low ESR. The buck converter is designed to
operate with 44µF output capacitor over most of its
operating ranges, although more capacitance may be
desired depending on the duty cycle and load step
requirements.
Choose
a
ripple
voltage
that
is
approximately 1% of the output voltage setpoint. Note
that the output capacitance must be placed at the output
of
the
buck
converter.
Additional
downstream
capacitance will be placed at the loads, but this
capacitance should not be considered when calculating
the buck output capacitance. However, the downstream
capacitance should be considered when compensating
the power supply. The following equation calculates the
output voltage ripple as a function of output capacitance.
Note that the worst case ripple voltage occurs at the
beginning of supplement mode when the storage
capacitors are fully charged.
������������������������������������������������= ∆������������������������
8������������������������������������������������������������������������������������������������������������������������
(9)
Where Vripple is the desired output ripple voltage, FSW is
the switching frequency in Hz, and
ΔIL is the maximum
ripple current in Amperes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com