Electronic Components Datasheet Search
  English  ▼

X  

ACT4910 Datasheet(PDF) 10 Page - Qorvo, Inc

Part # ACT4910
Description  Power Loss Protection with 6A eFuse
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4910 Datasheet(HTML) 10 Page - Qorvo, Inc

Back Button ACT4910 Datasheet HTML 6Page - Qorvo, Inc ACT4910 Datasheet HTML 7Page - Qorvo, Inc ACT4910 Datasheet HTML 8Page - Qorvo, Inc ACT4910 Datasheet HTML 9Page - Qorvo, Inc ACT4910 Datasheet HTML 10Page - Qorvo, Inc ACT4910 Datasheet HTML 11Page - Qorvo, Inc ACT4910 Datasheet HTML 12Page - Qorvo, Inc ACT4910 Datasheet HTML 13Page - Qorvo, Inc ACT4910 Datasheet HTML 14Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Data Sheet Rev. E August 2021 | Subject to change without notice
10 of 37
www.qorvo.com
ACT4910
Power Loss Protection with 6A eFuse
®
STORAGE BOOST REGULATOR
(VIN = 12V, TA = 25°C, unless otherwise specified)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Storage Boost Converter
Operating Voltage Range
2.7
36
V
Programmable Output Voltage Range
5.0
36
V
Peak Switching Current
BST _CLIM = 00
BST _CLIM = 01
BST _CLIM = 10
BST _CLIM = 11
250
650
950
1500
mA
Standby Supply Current
VSTR = 103%, Regulator Enabled, not switching
25
40
µA
Output Voltage Accuracy
VSTR = 28V, IOUT = 15mA (continuous PWM mode)
-3%
VNOM
3%
V
Power Good Threshold
VSTR Rising
95
%VNOM
Power Good Hysteresis
VSTR Falling
2
5
%VNOM
Overvoltage Fault Threshold
VSTR Rising
110
%VNOM
Overvoltage Fault Hysteresis
VSTR Falling
3
%VNOM
Minimum On-Time
50
ns
Low Side FET On-Resistance
ISW = 325mA
300
m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com