Electronic Components Datasheet Search
  English  ▼

X  

ACT4910 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # ACT4910
Description  Power Loss Protection with 6A eFuse
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4910 Datasheet(HTML) 1 Page - Qorvo, Inc

  ACT4910 Datasheet HTML 1Page - Qorvo, Inc ACT4910 Datasheet HTML 2Page - Qorvo, Inc ACT4910 Datasheet HTML 3Page - Qorvo, Inc ACT4910 Datasheet HTML 4Page - Qorvo, Inc ACT4910 Datasheet HTML 5Page - Qorvo, Inc ACT4910 Datasheet HTML 6Page - Qorvo, Inc ACT4910 Datasheet HTML 7Page - Qorvo, Inc ACT4910 Datasheet HTML 8Page - Qorvo, Inc ACT4910 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
ACT4910
Power Loss Protection with 6A eFuse
Data Sheet Rev. E, August 2021 | Subject to change without notice
1 of 37
www.qorvo.com
®
BENEFITS AND FEATURES
• Wide 2.7-to-18V Operating Input Range
• 24V Max Input Blocking Voltage
• Adjustable Bus Voltage Start-Up Slew Rate for
In-rush Current Control
• Configurable Input power Failure Level
• Programmable up to 10A Input Current Limit
• Programmable 5V to 36V Boost Storage Voltage
• 36V@6A Syn Buck Supports 100% Duty Cycle
• Programmable up to 1.13MHz Buck Operating
Frequency for Small Inductor Size
• Undetectable Transition from Input Supply to
Capacitor Bank Power
• Compatible with Different Types of Storage Caps:
Super Caps, Electrolytic, Tantalum, POSCAP etc.
• ADC Monitoring of Critical Signals
• Autonomous Health Monitoring for Detection of
Earlier Storage Capacitor Failures
• Configurable Interrupts to Inform Host for any
Faults/Status Change
• eFuse, Boost, and Buck UV/OV/OC Protection
• Thermal Alert and Protection
• Thermal Enhanced FCQFN 5x5-28 package
APPLICATIONS
• Solid State Drives
• Industrial Applications
• Backup Power
• Hot Plug Devices
GENERAL DESCRIPTION
The ACT4910 device is a highly integrated power loss
protection IC. It provides backup storage power in the
event of an input power failure. A built-in boost converter
provides high voltage energy storage to minimize
storage capacitor size requirements. The built-in buck
converter regulates the storage voltage to a fixed output
voltage. It contains internal, back-to-back eFuse FETs
to provide bi-directional input to output isolation. The IC
also provides hot swap and inrush current control.
The ACT4910 is very flexible and can easily be
configured with I2C and external components. It
features programmable storage capacitor voltage to
optimize the storage capacitor sizing and system run
time. The internal ADC and health monitoring provide
an extra layer of protection and improve system
reliability and early capacitor failure notification. It
automatically checks the storage capacitor health and
notifies the user when the energy in the storage caps is
not sufficient for backup power. The ADC also measures
the input voltage, output voltage, storage voltage,
eFuse current, and die temperature. The built-in
synchronous buck converter maximizes energy transfer
from the storage caps to the system.
ACT4910 provides an I2C bus interface to allow MCU
control and monitoring. There are supervisor monitors
for the input voltage, output voltage, and storage
voltage. It is available with the thermal enhanced QFN
5x5 28 pins package.
36V Buck/Boost
Controller
Caps
Health Monitor/
ADC
Input 2.7V-18V
Blocking up to 24V
2.7V-18V
5V-36V
40m
Ω
FET
25m
Ω
FET
PMU
System
Core/Flash
5V-36V
eFuse 17m
Ω
Inrush Controller


Similar Part No. - ACT4910

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4910QW121-T ACTIVE-SEMI-ACT4910QW121-T Datasheet
3Mb / 34P
Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4910QW122-T ACTIVE-SEMI-ACT4910QW122-T Datasheet
3Mb / 34P
Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
More results

Similar Description - ACT4910

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS259250 TI1-TPS259250 Datasheet
1Mb / 35P
Simple 5V/12V eFuse Protection Switches
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
18-V eFuse with Integrated Short-to-Battery Protection
TPS25942A TI1-TPS25942A Datasheet
3Mb / 54P
5A eFuse Power MUX with Multiple Protection Modes
logo
Active-Semi, Inc
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4921QI ACTIVE-SEMI-ACT4921QI Datasheet
3Mb / 35P
Power Loss Protection with 6A eFuse
Rev 1.0, 18-Jan-2018
logo
Texas Instruments
TPS2663 TI1-TPS2663_19 Datasheet
4Mb / 52P
60-V, 6-A Power limiting, surge protection industrial eFuse
logo
Littelfuse
LS2406ERQ23 LITTELFUSE-LS2406ERQ23 Datasheet
1Mb / 14P
28V, 6A eFuse with True Reverse Blocking and Fast Role Swap
GD. 09/26/22
LS24062RQ23 LITTELFUSE-LS24062RQ23 Datasheet
1Mb / 16P
28V 6A Bidirectional eFuse with Dual Port Independent Current Limit Setting
2022 Littelfuse, Inc.
logo
Analog Devices
MAX17527A AD-MAX17527A Datasheet
1Mb / 32P
5.5V to 60V, 6A Power Limiter with OV, UV, Reverse Polarity, Loss of Ground Protection
Rev 0; 11/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com