Electronic Components Datasheet Search
  English  ▼

X  

ACT4910 Datasheet(PDF) 35 Page - Qorvo, Inc

Part # ACT4910
Description  Power Loss Protection with 6A eFuse
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4910 Datasheet(HTML) 35 Page - Qorvo, Inc

Back Button ACT4910 Datasheet HTML 29Page - Qorvo, Inc ACT4910 Datasheet HTML 30Page - Qorvo, Inc ACT4910 Datasheet HTML 31Page - Qorvo, Inc ACT4910 Datasheet HTML 32Page - Qorvo, Inc ACT4910 Datasheet HTML 33Page - Qorvo, Inc ACT4910 Datasheet HTML 34Page - Qorvo, Inc ACT4910 Datasheet HTML 35Page - Qorvo, Inc ACT4910 Datasheet HTML 36Page - Qorvo, Inc ACT4910 Datasheet HTML 37Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
Data Sheet Rev. E August 2021 | Subject to change without notice
35 of 37
www.qorvo.com
ACT4910
Power Loss Protection with 6A eFuse
®
CMI 302: ACT4910QW302
CMI 302 is designed for standard 3.3V applications. CMI 302 default settings are appropriate for most typical
applications. It uses a 650mA boost current limit setting to limit inrush current and still quickly charge up the storage
caps. It provides a 560kHz buck switching frequency. The default storage voltage is 27V for compatibility with 80%
derated 35V capacitors. Placing a resistor between BSET and VSS can program the default storage voltage to a lower
value. The Table below shows the default register settings.
CMI 302 Default Register Settings
Function
Value
Register
Register Settings
PLI Pin Function
PLI & VOUT OK
0x19h
PLI_FUNC_SEL[1:0] = 11
Health Monitor Time
32ms
0x1Fh
HMON_TSET[3:0] = 0100
Health Monitor Threshold
95%
0x20h
HMON_THR[3:0] = 0000
Enable Overvoltage Reference
0.82V
0x20h
EN_OV_REF[2:0] = 001
Startup Delay
125ms
0x20h
EN_STARTDELAY = 1
Latch Supplement Mode
Yes
0x21h
EN_LATCH_SPLMNT = 1
Boost Current Limit
650mA
0x21h
BST_CLIM[1:0] = 01
Boost Voltage
27V
0x21h
BST_VSET[4:0] = 10110
Buck Peak Current Limit
5A
0x26h
BK_CLIM[1:0] = 00
Buck Switching Frequency
560kHz
0x28h
BK_FREQ[2:0] = 100
I2C Address
The CMI 302 7-bit I2C address is 0x5Ah. This results in 0xB4h for a write address and 0xB5h for a read address.
Device ID
The CMI 302 Device ID (register 0x3Bh) = 0x05h. This can be used to distinguish between different CMI versions.
Autonomous ADC Supervisory Function
The autonomous ADC supervisory function is disabled by default. All undervoltage register values are set to 0x00h and
all overvoltage register values are set to 0xFF
Health Check
The health check function is disabled by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com