Electronic Components Datasheet Search
  English  ▼

X  

ACT4910 Datasheet(PDF) 17 Page - Qorvo, Inc

Part # ACT4910
Description  Power Loss Protection with 6A eFuse
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4910 Datasheet(HTML) 17 Page - Qorvo, Inc

Back Button ACT4910 Datasheet HTML 13Page - Qorvo, Inc ACT4910 Datasheet HTML 14Page - Qorvo, Inc ACT4910 Datasheet HTML 15Page - Qorvo, Inc ACT4910 Datasheet HTML 16Page - Qorvo, Inc ACT4910 Datasheet HTML 17Page - Qorvo, Inc ACT4910 Datasheet HTML 18Page - Qorvo, Inc ACT4910 Datasheet HTML 19Page - Qorvo, Inc ACT4910 Datasheet HTML 20Page - Qorvo, Inc ACT4910 Datasheet HTML 21Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Data Sheet Rev. E August 2021 | Subject to change without notice
17 of 37
www.qorvo.com
ACT4910
Power Loss Protection with 6A eFuse
®
PIN FUNCTIONS
VIN
VIN is the input the eFuse. Connect a 0.1uF ceramic
capacitor between VIN and PGND. VIN is directly
connected to VOUT in normal operation. The eFuse
disconnects VIN from VOUT when the IC enters
supplement mode.
EN
The EN pin is the ACT4910 enable input used to turn
the eFuse on or off. It provides both overvoltage and
undervoltage
protection
thresholds.
The
EN
pin
contains a precision comparator with hysteresis. It can
be directly driven from a digital input to turn the eFuse
on and off. The EN pin can also be used with a resistor
divider from VIN to VSS to program an eFuse startup
voltage higher than the IC’s UVLO value. The EN pin
also contains an overvoltage comparator. The eFuse
turns on when the input EN pin goes above the
EN_UV_REF threshold. Once the eFuse is on, it turns
off and enters supplement mode if the EN pin goes
above the EN_OV_REF threshold or below the
EN_UV_REF threshold.
The EN pin should not be left floating. It can be driven
from standard logic signals greater than EN_UV_REF.
It can also be driven with open-drain logic to provide.
When driving it with an open-drain, ensure that the
pullup voltage is not higher than the EN_OV_REF
setting.
EN_UV_REF
is
fixed
at
0.64V.
However,
the
EN_OV_REF
can
be
programmed
by
I2C
bits
EN_OV_REF [2:0]. The default EN_OV_REF voltage is
set by the IC’s CMI.
Table 2: Over Voltage Reference Settings
EN_OV_REF[2:0]
OV Threshold (V)
000
Disabled
001
0.82
010
0.92
011
1.00
100
1.08
101
1.16
110
1.24
111
1.32
STR
STR is the output to the storage capacitor bank. In
normal operation the internal boost converter charges
the storage capacitors through the STR pin. When the
IC enters supplement mode, the internal buck converter
uses the STR pin as its input to power the system. The
STR pin typically has a 22uF or greater ceramic
capacitor. See the Buck Converter section for more
information.
IRQ—Interrupt
ACT4910 has an interrupt pin to inform the host of any
fault conditions. In general, any IC function with a status
bit asserts nIRQ if the status changes. The status
changes can be masked by setting the corresponding
register bits. If nIRQ is asserted low, the fault must be
read before the IC deasserts nIRQ. If the fault remains
after reading the status bits, nIRQ remains asserted.
The below status changes will set the IRQ:
•
Input overvoltage, undervoltage
•
Thermal warning, thermal shutdown
•
eFuse VIN to VOUT over limits
•
eFuse current warning and limit
•
Storage capacitor overvoltage, undervoltage
•
Supplemental mode active
•
Buck operation faults
•
Buck undervoltage shutdown
•
REF LDO undervoltage
•
ADC data is ready
•
ADC beyond set limits
nIRQ is an open-drain output and should be pulled up
to an appropriate supply voltage with a 10k
Ω or greater
pull-up resistor.
SCL, SDA
SCL and SDA are the I2C clock and data pins to the IC
They have standard I2C functionality. They are open-
drain outputs and each require a pull-up resistor. The
pull-up resistor is typically tied to the system’s uP IO
pins. The pullup voltage can range from 1.8V to 5.0V.
REF
The REF pin is an internal bias voltage output pin.
Connect a 1µF capacitor between REF and VSS. Do
not apply an external load to the REF pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com