Electronic Components Datasheet Search
  English  ▼

X  

ACT4910 Datasheet(PDF) 8 Page - Qorvo, Inc

Part # ACT4910
Description  Power Loss Protection with 6A eFuse
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4910 Datasheet(HTML) 8 Page - Qorvo, Inc

Back Button ACT4910 Datasheet HTML 4Page - Qorvo, Inc ACT4910 Datasheet HTML 5Page - Qorvo, Inc ACT4910 Datasheet HTML 6Page - Qorvo, Inc ACT4910 Datasheet HTML 7Page - Qorvo, Inc ACT4910 Datasheet HTML 8Page - Qorvo, Inc ACT4910 Datasheet HTML 9Page - Qorvo, Inc ACT4910 Datasheet HTML 10Page - Qorvo, Inc ACT4910 Datasheet HTML 11Page - Qorvo, Inc ACT4910 Datasheet HTML 12Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Data Sheet Rev. E August 2021 | Subject to change without notice
8 of 37
www.qorvo.com
ACT4910
Power Loss Protection with 6A eFuse
®
INTERNAL BUCK REGULATOR
(VIN = 12V, TA = 25°C, unless otherwise specified)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Operating Input Voltage Range
4.2
36
V
Typical Output Voltage
3.3
V
Programmable Output Voltage Range Using external resistor divider
1.8
18
V
Standby Supply Current
VOUT = 103%, Regulator Enabled, No Load,
not switching
500
µA
Feedback Voltage
1.2
V
Output Voltage Accuracy
VOUT = 12V, IOUT = 2A (PWM mode)
-1%
VNOM
1%
V
VOUT = 12V, IOUT = 1mA (PFM mode)
-1%
VNOM
1%
V
Line Regulation
VOUT = 12V VIN = 5.5V to 12V, PWM Regulation
0.02
%/V
Load Regulation
VOUT = 12V PWM Regulation
0.04
%/A
Power Good Threshold
VOUT Rising
90.5
93
95.5
%VNOM
Power Good Hysteresis
VOUT Falling
3
%VNOM
Overvoltage Fault Threshold
VOUT Rising
107
110
113
%VNOM
Overvoltage Fault Hysteresis
VOUT Falling
2
%VNOM
Programmable Switching Frequency
Range
320
1130
kHz
Current Limit, Cycle-by-Cycle
BK_CLIM = 00
BK_CLIM = 01
BK_CLIM = 10
BK_CLIM = 11
5.0
6.0
7.0
9.0
A
Current Limit, Cycle-by-Cycle Toler-
ance
At default BK_CLIM
-10%
+10%
At other set points
-15%
+15%
Current Limit, Shutdown
Above BK_CLIM
+15%
+22.5%
+30%
High Side On-Resistance
ISW = -3A, VSTR = 12V
45
m
Ω
Low Side On-Resistance
ISW = 3A, VSTR = 12V
28
m
Ω
SW Leakage Current
VSTR = 12V, VSW = 0 or 5.5V
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com