Electronic Components Datasheet Search
  English  ▼

X  

ACT4910 Datasheet(PDF) 34 Page - Qorvo, Inc

Part # ACT4910
Description  Power Loss Protection with 6A eFuse
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4910 Datasheet(HTML) 34 Page - Qorvo, Inc

Back Button ACT4910 Datasheet HTML 29Page - Qorvo, Inc ACT4910 Datasheet HTML 30Page - Qorvo, Inc ACT4910 Datasheet HTML 31Page - Qorvo, Inc ACT4910 Datasheet HTML 32Page - Qorvo, Inc ACT4910 Datasheet HTML 33Page - Qorvo, Inc ACT4910 Datasheet HTML 34Page - Qorvo, Inc ACT4910 Datasheet HTML 35Page - Qorvo, Inc ACT4910 Datasheet HTML 36Page - Qorvo, Inc ACT4910 Datasheet HTML 37Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
Data Sheet Rev. E August 2021 | Subject to change without notice
34 of 37
www.qorvo.com
ACT4910
Power Loss Protection with 6A eFuse
®
CMI 125: ACT4910QW125
CMI 125 is designed for standard 12V applications. CMI 125 default settings are appropriate for most typical applications.
It uses a 950mA boost current limit setting to limit inrush current and still quickly charge up the storage caps. It provides
a 1130kHz buck switching frequency. The default storage voltage is 28V for compatibility with 80% derated 35V
capacitors. Placing a resistor between BSET and VSS can program the default storage voltage to a lower value. The
EN_OV_REF setting is changed to 1V to allow a wider undervoltage to overvoltage range than with CMI 121. The table
below shows the default register settings.
Table 13: CMI 125 Default Register Settings
Function
Value
Register
Register Settings
PLI Pin Function
PLI & VOUT OK
0x19h
PLI_FUNC_SEL[1:0] = 11
Health Monitor Time
32ms
0x1Fh
HMON_TSET[3:0] = 0100
Health Monitor Threshold
96%
0x20h
HMON_THR[3:0] = 0101
Enable Overvoltage Reference
1.00V
0x20h
EN_OV_REF[2:0] = 011
Startup Delay
0ms
0x20h
EN_STARTDELAY = 0
Latch Supplement Mode
Yes
0x21h
EN_LATCH_SPLMNT = 1
Boost Current Limit
950mA
0x21h
BST_CLIM[1:0] = 10
Boost Voltage
28V
0x21h
BST_VSET[4:0] = 10111
Buck Peak Current Limit
9A
0x26h
BK_CLIM[1:0] = 11
Buck Switching Frequency
1130kHz
0x28h
BK_FREQ[2:0] = 111
I2C Address
The CMI 125 7-bit I2C address is 0x5Ah. This results in 0xB4h for a write address and 0xB5h for a read address.
Device ID
The CMI 125 Device ID (register 0x3Bh) = 0x06h. This can be used to distinguish between different CMI versions.
Autonomous ADC Supervisory Function
The autonomous ADC supervisory function is disabled by default. All undervoltage register values are set to 0x00h and
all overvoltage register values are set to 0xFF
Health Check
The health check function is disabled by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com