Electronic Components Datasheet Search
  English  ▼

X  

AD4080 Datasheet(PDF) 37 Page - Analog Devices

Part # AD4080
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD4080 Datasheet HTML 33Page - Analog Devices AD4080 Datasheet HTML 34Page - Analog Devices AD4080 Datasheet HTML 35Page - Analog Devices AD4080 Datasheet HTML 36Page - Analog Devices AD4080 Datasheet HTML 37Page - Analog Devices AD4080 Datasheet HTML 38Page - Analog Devices AD4080 Datasheet HTML 39Page - Analog Devices AD4080 Datasheet HTML 40Page - Analog Devices AD4080 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 94 page
background image
Data Sheet
AD4080
DIGITAL INTERFACE
analog.com
Rev. A | 37 of 94
Figure 56. Generic Byte Wide Memory, Multibyte Register Example
As indicated in Figure 57, the address counter, by default, automat-
ically decrements (ADDR_ASCENSION = 0) such that the most
significant byte of the multibyte register is accessed first, followed
by the remaining byte(s) in that register in ascending order. Con-
versely, if ADDR_ASCENSION = 1, the least significant byte of the
multibyte register is accessed first followed by most significant byte.
As an extension of this concept, when STRICT_REGISTER_AC-
CESS = 1, any SPI frame that accesses a multibyte register as
the first entity in the data transfer must correctly set the starting
address in the instruction word to correspond to the ADDR_AS-
CENSION selection. In the case that the address counter automat-
ically decrements (ADDR_ASCENSION = 0), the starting address
is assigned to the register address for the least significant byte of
that multibyte register, and conversely, if configured to increment
automatically, the starting address must be set to the register
address for the most significant byte. As a result of the change
to ADDR_ASCENSION from automatic address decrement (0) to
automatic increment (1), Figure 54 and Figure 55 will change as
illustrated in Figure 57 and Figure 58 to accommodate the changes
in data phase byte order and instruction phase multibyte register
start address.
Figure 57. Single Instruction Format, ADDR_ASCENSION = 0 (Descend), STRICT_REGISTER_ACCESS = 1 (Enabled)
Figure 58. Single Instruction Format, ADDR_ASCENSION = 1 (Increment), STRICT_REGISTER_ACCESS = 1 (Enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com