Electronic Components Datasheet Search
  English  ▼

X  

AD4080 Datasheet(PDF) 78 Page - Analog Devices

Part # AD4080
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080 Datasheet(HTML) 78 Page - Analog Devices

Back Button AD4080 Datasheet HTML 74Page - Analog Devices AD4080 Datasheet HTML 75Page - Analog Devices AD4080 Datasheet HTML 76Page - Analog Devices AD4080 Datasheet HTML 77Page - Analog Devices AD4080 Datasheet HTML 78Page - Analog Devices AD4080 Datasheet HTML 79Page - Analog Devices AD4080 Datasheet HTML 80Page - Analog Devices AD4080 Datasheet HTML 81Page - Analog Devices AD4080 Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 94 page
background image
Data Sheet
AD4080
CONFIGURATION REGISTERS
analog.com
Rev. A | 78 of 94
SPI Revision Register
Address: 0x0B, Reset: 0x83, Name: SPI_REVISION
This register indicates the SPI revision.
Figure 117. SPI Revision Register
Table 40. Bit Descriptions for SPI_REVISION
Bits
Bit Name
Description
Reset
Access
[7:6]
SPI_TYPE
SPI Type. These bits always read as 0x2.
0x2
R
[5:0]
VERSION
SPI Version.
0x3
R
11: Revision 1.1.
Vendor ID Low Register
Address: 0x0C, Reset: 0x56, Name: VENDOR_L
This register is the low byte of the Vendor ID.
Figure 118. Vendor ID Low Register
Table 41. Bit Descriptions for VENDOR_L
Bits
Bit Name
Description
Reset
Access
[7:0]
VID[7:0]
Analog Devices Vendor ID.
0x56
R
Vendor ID High Register
Address: 0x0D, Reset: 0x04, Name: VENDOR_H
This register is the high byte of the Vendor ID.
Figure 119. Vendor ID High Register
Table 42. Bit Descriptions for VENDOR_H
Bits
Bit Name
Description
Reset
Access
[7:0]
VID[15:8]
Analog Devices Vendor ID.
0x4
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com