Electronic Components Datasheet Search
  English  ▼

X  

AD4080 Datasheet(PDF) 22 Page - Analog Devices

Part # AD4080
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD4080 Datasheet HTML 18Page - Analog Devices AD4080 Datasheet HTML 19Page - Analog Devices AD4080 Datasheet HTML 20Page - Analog Devices AD4080 Datasheet HTML 21Page - Analog Devices AD4080 Datasheet HTML 22Page - Analog Devices AD4080 Datasheet HTML 23Page - Analog Devices AD4080 Datasheet HTML 24Page - Analog Devices AD4080 Datasheet HTML 25Page - Analog Devices AD4080 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 94 page
background image
Data Sheet
AD4080
THEORY OF OPERATION
analog.com
Rev. A | 22 of 94
REFERENCE BUFFER AND COMMON-MODE
OUTPUT
The AD4080 integrates a charge reservoir capacitor (CREF) and a
low-drift reference buffer at the reference input pin (REFIN), elimi-
nating the need for dedicated external components and enabling
multiple AD4080 devices to share a single voltage reference.
The integrated capacitor (CREF) has a capacitance of 9.4 μF ± 20%,
and it is constructed from commercially available, multilayer, high
dielectric (X6S), ceramic capacitors. CREF serves as the primary
charge reservoir for the data converter. Integrated, in-package com-
ponents, such as CREF, minimize the overall solution area, mitigate
potential performance errors introduced by factors like component
selection, placement and routing challenges, and in general, reduce
the engineering effort to first design success.
Additional external capacitance (CRSV) can be placed across the
REFIN and REFGND pins for improved charge capacity and noise
rejection as required. As with all precision circuits, the placement
of the external reference capacitors must be as close to the device
pins as possible on the same side of the PCB. The routing between
the capacitor and device pins must minimize the series impedance
in each routing path.
Figure 36. REFIN and CMO Internal Equivalent Circuit and Typical
Application
The AD4080 internally generates a common-mode reference volt-
age of one-half of VREFIN, which is output through the CMO pin. The
absolute error in the CMO output voltage is guaranteed to be less
than ±20 mV. The CMO output is used to set the common-mode
output voltage of the analog front-end stage driving the AD4080
inputs, ensuring the AD4080 common-mode input requirement is
satisfied. The CMO output must be filtered with a RC LPF to limit
the total output noise as illustrated in Figure 36 (see RCMF and
CCMF).
The output is generated using a resistive divider connected to the
reference buffer output. The resulting output impedance at the CMO
pin is typically 700 Ω. Due to the limited drive capability at the
CMO pin, the external load must be carefully considered to avoid
excessive start-up times or absolute errors. The CMO output may
be directly connected to a high impedance common-mode input
of a fully differential amplifier driving the AD4080, assuming the
charging time for the preceding noise limiting filter does not impact
the start-up time required for the application. In general, consider
CMO buffering for the following situations:
►
The VDD33 power rail of the AD4080 is frequently cycled.
►
Short start-up settling times are required.
►
If the external load on CMO exceeds 30 μA (RL < 45 kΩ). See
Figure 25 for the typical load regulation information.
POWER SUPPLIES
The power requirements for the AD4080 are distributed across a
minimum of three supply domains including a 3.3 V analog circuit
domain (VDD33), a 1.1 V core supply (VDD11), and a 1.1 V
domain for the digital interface (IOVDD). An optional fourth supply
rail (VDDLDO) can be used to supply power to two integrated
voltage regulator used to internally power the 1.1 V core (VDD11)
and interface (IOVDD) rails. Each of these two regulators can be
independently turned off by software. For all details and design
considerations when using the internal voltage regulators, see the
Internally Regulated Supply Configuration section. On the other
hand, for applications that will not use internal regulators see
the Externally Generated Supply Configuration section for further
details.
Power for the VDD33 supply rail must be supplied from an external
source and must only be applied once power is supplied to the 1.1
V supply rails as described in the Power Supply Sequence section.
Figure 37. Typical Regulator Start-Up Transient, Converter Idle
All supply domains are internally decoupled using multilayer, high
dielectric, ceramic capacitors (X6S), eliminating the need of exter-
nal decoupling capacitors. However, care must be taken to under-
stand the bulk decoupling requirements for other components in the
design which share the same supply. Integrated supply decoupling
capacitors in the AD4080 are listed Table 6 as well as in Table 9.
Table 9. Integrated Supply Decoupling Summary
Supply Pin
Nominal Value (μF)
Tolerance (%)
Return Path
VDD33
0.47
±10
GND
VDDLDO
0.22
±10
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com