Electronic Components Datasheet Search
  English  ▼

X  

AD4080 Datasheet(PDF) 30 Page - Analog Devices

Part # AD4080
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD4080 Datasheet HTML 26Page - Analog Devices AD4080 Datasheet HTML 27Page - Analog Devices AD4080 Datasheet HTML 28Page - Analog Devices AD4080 Datasheet HTML 29Page - Analog Devices AD4080 Datasheet HTML 30Page - Analog Devices AD4080 Datasheet HTML 31Page - Analog Devices AD4080 Datasheet HTML 32Page - Analog Devices AD4080 Datasheet HTML 33Page - Analog Devices AD4080 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 94 page
background image
Data Sheet
AD4080
APPLICATIONS INFORMATION
analog.com
Rev. A | 30 of 94
REFERENCE CIRCUITRY DESIGN
The AD4080 requires a low noise, high precision and stability,
and low temperature drift external reference of 3 V. This reference
defines a differential input range for the ADC of ±VREFIN. The refer-
ence must be within ±5 mV of +3 V. Recommended references are
LTC6655, LT6657, or ADR4530. For best performance, however,
use the LTC6655 external reference. Table 13 details the typical
parameters of the previously mentioned references, comparing
absolute accuracy, noise, temperature drift, load regulation, and
power consumption. For more detailed specifications, refer to the
data sheet of the given product.
Table 13. Comparison of the Main Parameters of the LTC6655, LT6657, and
ADR4530 References
Parameter
LTC6655
LT6657
ADR4530B
Accuracy
0.025%
0.1%
0.02%
Temperature Coefficient
(ppm/ºC)
2
1.5
2
0.1 to 10 Hz Noise (ppm p-p)
0.25
0.5
0.53
Maximum Load (mA)
±5
±10
±10
Load Regulation (ppm/mA)
3
0.7
30
Maximum Supply (V)
13.2
40
15
Shutdown
Yes
Yes
No
Supply Current, IS (mA)
5
1.2
0.7
There is no need for the external reference capacitor because
the AD4080 embeds one internally, 9.4 μF, (see Figure 46). The
REFIN reference input pin is internally buffered, which substantial-
ly reduces ADC conversion transients and isolates the external
reference from these transients. Therefore, no external amplifier is
required to buffer the external reference. For the reference input ca-
pacitance (C REF IN) and reference output capacitance (C REF OUT)
values, refer to the given external reference IC data sheet recom-
mendations. As a layout recommendation, the external reference
chip must be placed as close as possible to the AD4080 and its
REFIN pinto minimize the series impedance of the track connecting
the REFIN pin to the external reference output. It is recommended
to minimize the exposure of this track to noisy signals, especially
digital ones.
Figure 46. AD4080 General External Reference Design Functional Diagram
DATA INTERFACE CLOCKING SOLUTION
When designing the LVDS data interface (see the LVDS Data Inter-
face section), the user must ensure the clocking solution adheres
to the timing specifications of the AD4080 (see Table 2). When
configured for LVDS mode data interface, the user must ensure
that timing specifications stay within the maximum conversion to
clock alignment time of ±535 ps (tCCA). In addition, ensure that
a low jitter conversion (CNV) clock is provided such that there
is no unwanted impact to SNR performance. This jitter is signal
frequency dependent; therefore, the level of jitter tolerable in a
given system is dependent on the application use case. The Analog
Devices Technical Article Maximum SNR vs Clock Jitter provides
further guidance on this topic.
For example, a recommended clocking solution for where the
AD4080 is configured to use the LVDS data interface with a single
lane enabled and using echo clock mode. In this example, a 25
MHz oscillator is selected with low phase noise and jitter. The
following MT-008 tutorial serves as an aid to convert between
phase noise and RMS phase jitter, often quoted interchangeably
in crystal oscillator product data sheets. The ADF4350 wideband
synthesizer with an integrated voltage-controlled oscillator (VCO)
serves as versatile means of generating a 400 MHz clock system
clock, while maintaining low jitter and offering flexibility and control
to reconfigure this frequency depending on the application needs.
This clock then feeds the AD9508 clock fanout buffer with output
dividers that can be configured for the desired LVDS level signaling.
In the example shown in Figure 47, one output channel is set to
divide by 1 to output the LVDS clock, while another output channel
is configured to divide by 10 to output the AD4080 conversion
clock. This 1:10 ratio of CNV:CLK frequencies ensures 20 bits of
data can be read out in on the double data rate (DDR), single lane,
LVDS data interface. For a dual lane configuration, such as shown
in Figure 48, this ratio is adjust to 1:5.
The example shows that echo clock mode is used and aids data
alignment for the host controller (in the case a field-programmable
gate array (FPGA)). In self clock mode, where DCO+ and DCO−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com