Electronic Components Datasheet Search
  English  ▼

X  

AD4080 Datasheet(PDF) 62 Page - Analog Devices

Part # AD4080
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080 Datasheet(HTML) 62 Page - Analog Devices

Back Button AD4080 Datasheet HTML 58Page - Analog Devices AD4080 Datasheet HTML 59Page - Analog Devices AD4080 Datasheet HTML 60Page - Analog Devices AD4080 Datasheet HTML 61Page - Analog Devices AD4080 Datasheet HTML 62Page - Analog Devices AD4080 Datasheet HTML 63Page - Analog Devices AD4080 Datasheet HTML 64Page - Analog Devices AD4080 Datasheet HTML 65Page - Analog Devices AD4080 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 94 page
background image
Data Sheet
AD4080
DIGITAL FEATURES
analog.com
Rev. A | 62 of 94
Event Trigger Capture Mode, Read All FIFO
Event triggered mode can be used where ADC results immediately
prior to the event, as well as those after, are of interest to the user.
Once armed, the FIFO continuously fills with new ADC results,
storing up to, at most, 16,384 of the most recent results, wrapping
around and overwriting the oldest results in FIFO memory once
16,384 captures are made.
Once a trigger event occurs, the FIFO continues to capture WA-
TERMARK number of results after the event. Only multiples of four
are valid values to set the FIFO_WATERMARK register when using
this mode. After an event has occurred, and the WATERMARK
number of results has been captured in the FIFO, no further new
results are captured until the FIFO is rearmed. The user must read
back all 16,384 FIFO results, and the value set for FIFO_WATER-
MARK allows the user to determine where in the FIFO result data
that the event occurred and also to distinguish between results
that occurred before the event and those which occurred after the
event as shown in Figure 93 and Figure 92. In the full FIFO read
back, the first result after the event triggered is located at 16384 −
(FIFO_WATERMARK − 1), where FIFO_WATERMARK is the value
set prior to arming the capture. If this capture mode is armed and
an event occurs before the FIFO wraps around once, the FIFO
results before the event contain either results from previous FIFO
use or, when used for the first time after power cycling the device,
the FIFO contains random data in the FIFO data locations before
the event.
Figure 92. Event Capture Mode Read All FIFO Mode Example, FIFO Filling
Figure 93. FIFO Event Capture Mode Read All FIFO Mode Example, Locating
Event Position in FIFO
Figure 94. Event Trigger Capture Mode, Read All FIFO Rearming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com